Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMK61A2-312M50 Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK61A2-312M50
Description  High-Performance Ultra-Low Jitter Oscillator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMK61A2-312M50 Datasheet(HTML) 5 Page - Texas Instruments

  LMK61A2-312M50 Datasheet HTML 1Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 2Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 3Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 4Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 5Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 6Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 7Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 8Page - Texas Instruments LMK61A2-312M50 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
LMK61E0-050M, LMK61E2-100M, LMK61E2-125M, LMK61E2-156M, LMK61E2-312M
LMK61A2-100M, LMK61A2-125M, LMK61A2-156M, LMK61A2-312M, LMK61I2-100M
www.ti.com
SNAS676B – OCTOBER 2015 – REVISED MARCH 2017
Product Folder Links: LMK61E0-050M LMK61E2-100M LMK61E2-125M LMK61E2-156M LMK61E2-312M LMK61A2-
100M LMK61A2-125M LMK61A2-156M LMK61A2-312M LMK61I2-100M
Submit Documentation Feedback
Copyright © 2015–2017, Texas Instruments Incorporated
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
On-chip power dissipation should exclude 40 mW, dissipated in the 150 ohm termination resistors, from total power dissipation.
6.5 Electrical Characteristics - Power Supply
(1)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDD
Device current consumption
LVPECL(2)
162
208
mA
LVDS
152
196
HCSL
155
196
IDD-PD
Device current consumption
when output is disabled
OE = GND
136
mA
(1)
Refer to Parameter Measurement Information for relevant test conditions.
(2)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(3)
Ensured by characterization.
6.6 LVPECL Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = -40C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency(2)
10
1000
MHz
VOD
Output voltage swing
(VOH – VOL)
(2)
700
800
1200
mV
VOUT, DIFF, PP
Differential output peak-to-
peak swing
2 ×
|VOD|
V
VOS
Output common-mode voltage
VDD –
1.55
V
tR / tF
Output rise/fall time (20% to
80%)(3)
120
200
ps
PN-Floor
Output phase noise floor
(fOFFSET > 10 MHz)
156.25 MHz
–165
dBc/Hz
ODC
Output duty cycle(3)
45%
55%
(1)
An output frequency over fOUT max spec is possible, but output swing may be less than VOD min spec.
(2)
Ensured by characterization.
6.7 LVDS Output Characteristics
(1)
VDD = 3.3 V ± 5%, TA = –40°C to 85°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOUT
Output frequency(1)
10
900
MHz
VOD
Output voltage swing
(VOH – VOL)
(1)
300
390
480
mV
VOUT, DIFF, PP Differential output peak-to-
peak swing
2 ×
|VOD|
V
VOS
Output common-mode voltage
1.2
V
tR / tF
Output rise/fall time (20% to
80%)(2)
150
250
ps
PN-Floor
Output phase noise floor
(fOFFSET > 10 MHz)
156.25 MHz
–162
dBc/Hz
ODC
Output duty cycle(2)
45%
55%
ROUT
Differential output impedance
125
Ohm


Similar Part No. - LMK61A2-312M50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61A2-312M50 TI1-LMK61A2-312M50 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50SIAR TI1-LMK61A2-312M50SIAR Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50SIAR TI1-LMK61A2-312M50SIAR Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50SIAR TI1-LMK61A2-312M50SIAR Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61A2-312M50SIAT TI1-LMK61A2-312M50SIAT Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
More results

Similar Description - LMK61A2-312M50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMK61E2-100M TI1-LMK61E2-100M Datasheet
1Mb / 23P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M_017 TI1-LMK61E0-050M_017 Datasheet
463Kb / 22P
[Old version datasheet]   High-Performance Ultra-Low Jitter Oscillator
LMK61E0-050M TI1-LMK61E0-050M_17 Datasheet
447Kb / 22P
[Old version datasheet]   LMK61XX High-Performance Ultra-Low Jitter Oscillator
LMK60E2-156M TI1-LMK60E2-156M Datasheet
266Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-100M TI1-LMK62E2-100M Datasheet
321Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK62E2-156M TI1-LMK62E2-156M_17 Datasheet
301Kb / 17P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-150M TI1-LMK60E2-150M Datasheet
283Kb / 18P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-100M TI1-LMK60E2-100M Datasheet
840Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
LMK60E2-150M00 TI1-LMK60E2-150M00 Datasheet
1Mb / 22P
[Old version datasheet]   High-Performance Low Jitter Oscillator
LMK60E2-125M TI1-LMK60E2-125M Datasheet
830Kb / 19P
[Old version datasheet]   High Performance Low Jitter Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com