Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ONET8501V Datasheet(PDF) 4 Page - Texas Instruments

Part # ONET8501V
Description  11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ONET8501V Datasheet(HTML) 4 Page - Texas Instruments

  ONET8501V_17 Datasheet HTML 1Page - Texas Instruments ONET8501V_17 Datasheet HTML 2Page - Texas Instruments ONET8501V_17 Datasheet HTML 3Page - Texas Instruments ONET8501V_17 Datasheet HTML 4Page - Texas Instruments ONET8501V_17 Datasheet HTML 5Page - Texas Instruments ONET8501V_17 Datasheet HTML 6Page - Texas Instruments ONET8501V_17 Datasheet HTML 7Page - Texas Instruments ONET8501V_17 Datasheet HTML 8Page - Texas Instruments ONET8501V_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
ONET8501V
SLLS837B – JUNE 2007 – REVISED SEPTEMBER 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
PIN
NAME
TYPE
DESCRIPTION
NO.
18
MOD–
Inverted modulation current output. On-chip 50
Ω back-terminated to VCC. IMOD flows into this pin when
input data is low.
CML-out
(current)
19
MOD+
Non-inverted modulation current output. On-chip 50
Ω back-terminated to VCC. IMOD flows into this pin
when input data is high.
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
VCC
Supply voltage(2)
–0.3 to 4
V
VDIS, VRZTC, VTS, VSCK,
VSDA, VFLT, VBGV, VMONB,
Voltage at DIS, RZTC, TS, SCK, SDA, FLT, BGV, MONB, MONP, CAPC,
–0.3 to 4
V
VMONP, VCAPC, VPD, VBIAS
PD, BIAS, DIN+, DIN–, MOD+, MOD–(2)
VDIN+, VDIN–, VMOD+, VMOD–
IDIN–, IDIN+
Maximum current at input pins
25
mA
IMOD+, IMOD–
Maximum current at output pins
30
mA
ESD
ESD rating at all pins
2
kV (HBM)
TJ,max
Maximum junction temperature
125
°C
TSTG
Storage temperature range
–65 to 150
°C
TA
Characterized free-air operating temperature range
–40 to 85
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability
(2)
All voltage values are with respect to network ground terminal
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VCC
Supply voltage
2.95
3.3
3.6
V
VIH
Digital input high voltage
DIS, SCK, SDA
2
V
VIL
Digital input low voltage
DIS, SCK, SDA
0.8
V
Bias output headroom voltage
VBIAS – GND
300
mV
High step size mode, min. step size = 5
μA
25
μA
High step size mode, max. step size = 5
μA
1280
Medium step size mode, min. step size = 2.5
μA
12.5
Photodiode current range
Medium step size mode, max. step size = 2.5
μA
640
Low step size mode, min. step size = 0.5
μA
2.5
Low step size mode, max. step size = 0.5
μA
128
RRZTC
Zero TC resistor value(1)
1.16 V bandgap bias across resistor, E96, 1% accuracy
28.4
28.7
29
k
vIN
Differential input voltage swing
100
1200
mVpp
tR-IN
Input rise time
20%–80%
30
55
ps
tF-IN
Input fall time
20%–80%
30
55
ps
TA
Operating free-air temperature
–40
85
°C
(1)
Changing the value will alter the DAC ranges.
4
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): ONET8501V


Similar Part No. - ONET8501V_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
More results

Similar Description - ONET8501V_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1151M TI-ONET1151M Datasheet
1Mb / 27P
[Old version datasheet]   11.35-Gbps Differential Modulator Driver with Output Waveform Shaping
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
logo
Analog Devices
ADN2530 AD-ADN2530_15 Datasheet
376Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. B
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
logo
Texas Instruments
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
logo
Analog Devices
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com