Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA202AIDRG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA202AIDRG4
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA202AIDRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA202AIDRG4 Datasheet HTML 6Page - Texas Instruments INA202AIDRG4 Datasheet HTML 7Page - Texas Instruments INA202AIDRG4 Datasheet HTML 8Page - Texas Instruments INA202AIDRG4 Datasheet HTML 9Page - Texas Instruments INA202AIDRG4 Datasheet HTML 10Page - Texas Instruments INA202AIDRG4 Datasheet HTML 11Page - Texas Instruments INA202AIDRG4 Datasheet HTML 12Page - Texas Instruments INA202AIDRG4 Datasheet HTML 13Page - Texas Instruments INA202AIDRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Time (10ms/div)
G = 100
V
= 20mV to 110mV
SENSE
600
500
400
300
200
100
0
0
1
2
3
4
5
I
(mA)
SINK
6
Time (5ms/div)
G = 50
V
= 20mV to 110mV
SENSE
Time(5 s/div)
m
G=50
V
=90mVto100mV
SENSE
Time(2 s/div)
m
G=20
V
=90mVto100mV
SENSE
Time (5ms/div)
G = 50
V
= 20mV to 30mV
SENSE
INA200, INA201, INA202
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = 12 V, VIN+ = 12 V, and VSENSE = 100 mV, unless otherwise noted.
Figure 14. Step Response
Figure 15. Step Response
Figure 16. Step Response
Figure 17. Step Response
Figure 19. Comparator VOL vs ISINK
Figure 18. Step Response
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA202AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA202AIDR TI1-INA202AIDR Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
More results

Similar Description - INA202AIDRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com