Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA201AIDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA201AIDR
Description  High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA201AIDR Datasheet(HTML) 3 Page - Texas Instruments

  INA201AIDR Datasheet HTML 1Page - Texas Instruments INA201AIDR Datasheet HTML 2Page - Texas Instruments INA201AIDR Datasheet HTML 3Page - Texas Instruments INA201AIDR Datasheet HTML 4Page - Texas Instruments INA201AIDR Datasheet HTML 5Page - Texas Instruments INA201AIDR Datasheet HTML 6Page - Texas Instruments INA201AIDR Datasheet HTML 7Page - Texas Instruments INA201AIDR Datasheet HTML 8Page - Texas Instruments INA201AIDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
1
2
3
4
8
7
6
5
V
IN+
V
IN-
CMP
OUT
RESET
V
S
OUT
CMP
IN
GND
INA200, INA201, INA202
www.ti.com
SBOS374D – NOVEMBER 2006 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
DGK and D Packages
8-Pin VSSOP and SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
Vs
Analog
Power supply
Analog
2
OUT
Output Voltage
output
3
CMPIN
Analog input
Comparator input
4
GND
Analog
Ground
5
RESET
Analog input
Comparator reset pin, active low
Analog
6
CMPOUT
Comparator output
output
7
VIN–
Analog input
Connect to shunt low side
8
VIN+
Analog input
Connect to shunt high side
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply Voltage, Vs
2.7
18
V
Differential (VIN+) – (VIN–)
–18
18
V
Current-Shunt Monitor
Analog Inputs, VIN+, VIN– Common Mode(2)
–16
80
V
Comparator Analog Input and Reset Pins(2)
GND – 0.3
(Vs) + 0.3
V
Analog Output, OUT(2)
GND – 0.3
(Vs) + 0.3
V
Comparator Output, OUT(2)
GND – 0.3
18
V
Input Current Into Any Pin(2)
5
mA
Operating Temperature
–55
150
°C
Junction Temperature
–65
150
°C
Storage Temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
This voltage may exceed the ratings shown if the current at that pin is limited to 5 mA.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: INA200 INA201 INA202


Similar Part No. - INA201AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA201AIDR TI1-INA201AIDR Datasheet
1Mb / 32P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor
More results

Similar Description - INA201AIDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA200AIDR TI1-INA200AIDR Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA202AID TI1-INA202AID Datasheet
1,017Kb / 26P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA201-Q1 TI1-INA201-Q1 Datasheet
703Kb / 21P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200AID TI1-INA200AID Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current-Shunt Monitor with Open-Drain Comparator and Reference
INA200 TI-INA200_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA20x High-Side Measurement Current-Shunt Monitor With Open-Drain Comparator and Reference
logo
Burr-Brown (TI)
INA200 BURR-BROWN-INA200 Datasheet
285Kb / 19P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
INA200 BURR-BROWN-INA200_07 Datasheet
345Kb / 22P
   High-Side Measurement Current-Shunt Monitor with Comparator and Reference
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com