Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1540 Datasheet(PDF) 6 Page - Texas Instruments

Part # ISO1540
Description  Low-Power Bidirectional I2C Isolators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1540 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ISO1540_17 Datasheet HTML 2Page - Texas Instruments ISO1540_17 Datasheet HTML 3Page - Texas Instruments ISO1540_17 Datasheet HTML 4Page - Texas Instruments ISO1540_17 Datasheet HTML 5Page - Texas Instruments ISO1540_17 Datasheet HTML 6Page - Texas Instruments ISO1540_17 Datasheet HTML 7Page - Texas Instruments ISO1540_17 Datasheet HTML 8Page - Texas Instruments ISO1540_17 Datasheet HTML 9Page - Texas Instruments ISO1540_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
6
ISO1540, ISO1541
SLLSEB6D – JULY 2012 – REVISED DECEMBER 2016
www.ti.com
Product Folder Links: ISO1540 ISO1541
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
Bus pins
±8000
V
All pins
±4000
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±1500
Machine Model JEDEC JESD22-A115-A, all pins
±200
(1)
This represents the maximum frequency with the maximum bus load (C) and the maximum current sink (IO). If the system has less bus
capacitance, then higher frequencies can be achieved.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
VSDA1, VSCL1
Input and output signal voltages, side 1
0
VCC1
V
VSDA2, VSCL2
Input and output signal voltages, side 2
0
VCC2
V
VIL1
Low-level input voltage, side 1
0
0.5
V
VIH1
High-level input voltage, side 1
0.7 × VCC1
VCC1
V
VIL2
Low-level input voltage, side 2
0
0.3 × VCC2
V
VIH2
High-level input voltage, side 2
0.7 × VCC2
VCC2
V
IOL1
Output current, side 1
0.5
3.5
mA
IOL2
Output current, side 2
0.5
35
mA
C1
Capacitive load, side 1
40
pF
C2
Capacitive load, side 2
400
pF
fMAX
Operating frequency(1)
1
MHz
TA
Ambient temperature
–40
125
°C
TJ
Junction temperature
–40
136
°C
TSD
Thermal shutdown
139
171
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report (SPRA953).
6.4 Thermal Information
THERMAL METRIC(1)
ISO154x
UNIT
D (SOIC)
8 PINS
RθJA
Junction-to-ambient thermal resistance
114.6
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
69.6
°C/W
RθJB
Junction-to-board thermal resistance
55.3
°C/W
ψJT
Junction-to-top characterization parameter
27.2
°C/W
ψJB
Junction-to-board characterization parameter
54.7
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
°C/W
6.5 Power Ratings
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PD
Maximum power dissipation (both sides)
VCC1 = VCC2 = 5.5 V, TJ = 150 °C, C1 =
40 pF, C2 = 400 pF;
Input a 1-MHz 50% duty cycle clock signal
85
mW
PD1
Maximum power dissipation (side-1)
34
mW
PD2
Maximum power dissipation (side-2)
51
mW


Similar Part No. - ISO1540_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
More results

Similar Description - ISO1540_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO1540 TI1-ISO1540 Datasheet
449Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540_1210 TI1-ISO1540_1210 Datasheet
451Kb / 21P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540 TI1-ISO1540_13 Datasheet
996Kb / 24P
[Old version datasheet]   Low-Power Bidirectional I2C Isolators
ISO1540-Q1 TI1-ISO1540-Q1 Datasheet
573Kb / 30P
[Old version datasheet]   ISO154x-Q1 Low-Power Bidirectional I2C Isolators
ISO154XEVM TI1-ISO154XEVM Datasheet
812Kb / 20P
[Old version datasheet]   ISO154xEVM Low-Power Bidirectional I2C Isolators Evaluation Module
logo
Skyworks Solutions Inc.
SI860X SKYWORKS-SI860X Datasheet
718Kb / 39P
   Bidirectional I2C Isolators with Unidirectional Digital Channels
December 14, 2021
logo
Silicon Laboratories
SI840X SILABS-SI840X_18 Datasheet
581Kb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
SI840X SILABS-SI840X Datasheet
1Mb / 34P
   BIDIRECTIONAL I2C ISOLATORS WITH UNIDIRECTIONAL DIGITAL CHANNELS
logo
Texas Instruments
ISO1640 TI-ISO1640 Datasheet
978Kb / 28P
[Old version datasheet]   ISO164x Robust-EMC Bidirectional I2C Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com