Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA194AIDBVTG4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA194AIDBVTG4
Description  Current Shunt Monitor ??6 V to 80 V Common-Mode Range
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA194AIDBVTG4 Datasheet(HTML) 1 Page - Texas Instruments

  INA194AIDBVTG4 Datasheet HTML 1Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 2Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 3Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 4Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 5Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 6Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 7Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 8Page - Texas Instruments INA194AIDBVTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
R
S
A1
A2
R
L
Load
V
IN+
-16Vto+80V
+2.7Vto+18V
Negative
and
Positive
Common-Mode
Voltage
V
IN+
V
IN-
V+
I
S
OUT
INA193-INA198
R
1
R
1
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA193, INA194, INA195
INA196, INA197, INA198
SBOS307G – MAY 2004 – REVISED JANUARY 2015
INA19x Current Shunt Monitor
−16 V to +80 V Common-Mode Range
1
1 Features
1
Wide Common-Mode Voltage:
−16 V to +80 V
Low Error: 3.0% Over Temp (maximum)
Bandwidth: Up to 500 kHz
Three Transfer Functions Available: 20 V/V, 50
V/V, and 100 V/V
Quiescent Current: 900 μA (maximum)
Complete Current Sense Solution
2 Applications
Welding Equipment
Notebook Computers
Cell Phones
Telecom Equipment
Automotive
Power Management
Battery Chargers
3 Description
The INA193
−INA198 family of current shunt monitors
with voltage output can sense drops across shunts at
common-mode voltages from
−16 V to +80 V,
independent of the INA19x supply voltage. They are
available with three output voltage scales: 20 V/V, 50
V/V, and 100 V/V. The 500 kHz bandwidth simplifies
use in current control loops. The INA193
−INA195
devices provide identical functions but alternative pin
configurations
to
the
INA196
−INA198
devices,
respectively.
The INA193
−INA198 devices operate from a single
2.7-V to 18-V supply, drawing a maximum of 900 μA
of supply current. They are specified over the
extended operating temperature range (
−40°C to
+125°C), and are offered in a space-saving SOT-23
package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA193
SOT-23 (5)
2.90 mm × 1.60 mm
INA194
INA195
INA196
INA197
INA198
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic


Similar Part No. - INA194AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
More results

Similar Description - INA194AIDBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
[Old version datasheet]   Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA195 TI-INA195_15 Datasheet
1Mb / 33P
[Old version datasheet]   INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
INA193A-EP TI1-INA193A-EP Datasheet
465Kb / 20P
[Old version datasheet]   CURRENT SHUNT MONITORS??6 V to 80 V Common Mode Range
INA193A-EP TI-INA193A-EP_15 Datasheet
918Kb / 23P
[Old version datasheet]   CURRENT SHUNT MONITORS ??6-V to 80-V COMMON MODE RANGE
INA193A-Q1 TI-INA193A-Q1_15 Datasheet
945Kb / 30P
[Old version datasheet]   INA19xA-Q1 Current Shunt Monitors ??6-V to 80-V Common-Mode Range
INA193AIDBVRG4 TI1-INA193AIDBVRG4 Datasheet
627Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA194AIDBVTG4 TI1-INA194AIDBVTG4 Datasheet
513Kb / 24P
[Old version datasheet]   CURRENT SHUNT MONITOR ??6V to 80V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
[Old version datasheet]   INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com