Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA219 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA219
Description  Bidirectional Current/Power Monitor With I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA219 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA219_17 Datasheet HTML 5Page - Texas Instruments INA219_17 Datasheet HTML 6Page - Texas Instruments INA219_17 Datasheet HTML 7Page - Texas Instruments INA219_17 Datasheet HTML 8Page - Texas Instruments INA219_17 Datasheet HTML 9Page - Texas Instruments INA219_17 Datasheet HTML 10Page - Texas Instruments INA219_17 Datasheet HTML 11Page - Texas Instruments INA219_17 Datasheet HTML 12Page - Texas Instruments INA219_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
ADC
´
´
ShuntVoltage
Channel
BusVoltage
Channel
PGA
(InConfigurationRegister)
ShuntVoltage
(1)
DataRegisters
Full-ScaleCalibration
(2)
Current
(1)
BusVoltage
(1)
Power
(1)
NOTES:
(1)Read-only
(2)Read/write
INA219
www.ti.com
SBOS448G – AUGUST 2008 – REVISED DECEMBER 2015
8 Detailed Description
8.1 Overview
The INA219 is a digital current sense amplifier with an I2C- and SMBus-compatible interface. It provides digital
current, voltage, and power readings necessary for accurate decision-making in precisely-controlled systems.
Programmable registers allow flexible configuration for measurement resolution as well as continuous-versus-
triggered operation. Detailed register information appears at the end of this data sheet, beginning with Table 2.
See the Functional Block Diagram section for a block diagram of the INA219 device.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Basic ADC Functions
The two analog inputs to the INA219, IN+ and IN–, connect to a shunt resistor in the bus of interest. The INA219
is typically powered by a separate supply from 3 to 5.5 V. The bus being sensed can vary from 0 to
26 V. There are no special considerations for power-supply sequencing (for example, a bus voltage can be
present with the supply voltage off, and vice-versa). The INA219 senses the small drop across the shunt for
shunt voltage, and senses the voltage with respect to ground from IN– for the bus voltage. Figure 13 shows this
operation.
When the INA219 is in the normal operating mode (that is, MODE bits of the Configuration register are set to
111), it continuously converts the shunt voltage up to the number set in the shunt voltage averaging function
(Configuration register, SADC bits). The device then converts the bus voltage up to the number set in the bus
voltage averaging (Configuration register, BADC bits). The Mode control in the Configuration register also
permits selecting modes to convert only voltage or current, either continuously or in response to an event
(triggered).
All current and power calculations are performed in the background and do not contribute to conversion time;
conversion times shown in the Electrical Characteristics: can be used to determine the actual conversion time.
Power-Down mode reduces the quiescent current and turns off current into the INA219 inputs, avoiding any
supply drain. Full recovery from Power-Down requires 40
μs. ADC Off mode (set by the Configuration register,
MODE bits) stops all conversions.
Writing any of the triggered convert modes into the Configuration register (even if the desired mode is already
programmed into the register) triggers a single-shot conversion. Table 6 lists the triggered convert mode settings.
Copyright © 2008–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA219


Similar Part No. - INA219_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
More results

Similar Description - INA219_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA219 TI1-INA219 Datasheet
1Mb / 37P
[Old version datasheet]   Bidirectional Current/Power Monitor With I2C Interface
INA219 TI-INA219_15 Datasheet
1Mb / 37P
[Old version datasheet]   INA219 Zer첩-Drift, Bidirectional Current/Power Monitor With I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com