Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA0069R1LF Datasheet(PDF) 1 Page - Bothhand USA, LP.

Part # NA0069R1LF
Description  1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOTHHAND [Bothhand USA, LP.]
Direct Link  http://www.bothhandusa.com
Logo BOTHHAND - Bothhand USA, LP.

NA0069R1LF Datasheet(HTML) 1 Page - Bothhand USA, LP.

  NA0069R1LF Datasheet HTML 1Page - Bothhand USA, LP. NA0069R1LF Datasheet HTML 2Page - Bothhand USA, LP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1000 BASE-T PC CARD LAN
MAGNETICS SOLUTIONS
P/N: NA0069R1 LF DATA SHEET
BOTHHAND USA
Page :1/2
A06(13/04)
Feature
l
Half port and single port designs for maximum layout
flexibility.
l
Complying with IEEE 802.3ab standard for 1000 BASE-T.
l
Complying with ROHS & Halogen Free requirements.
l
Operating temperature range: 0℃ to +70℃.
l
Storage temperature range: -25℃ to +85℃.
Electrical Specifications @ 25°C
Turns Ratio
(±3%)
Part
Number
TX
RX
OCL (uH Min)
@100KHz/0.1V
Cw/w
(pF Max)
L.L
(uH Max)
HI-POT
(Vrms)
NA0069R1 LF
1CT:1CT
1CT:1CT
350
25
0.4
1500
Continue
Insertion Loss
(dB Max)
Return Loss
(dB Min)
Cross talk
(dB Min)
DCMR
(dB Min)
Part
Number
1-100MHz
1-30MHz
40-50MHz
60-80MHz
100MHz
1-100MHz
1-60MHz
60-100MHz
NA0069R1 LF
-1.0
-18
-16
-12
-10
-38
-35
-33
Schematic
www.bothhandusa.com


Similar Part No. - NA0069R1LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NA0069R1-LF BOTHHAND-NA0069R1-LF Datasheet
239Kb / 2P
   Half port and single port designs for maximum layout flexibility.
More results

Similar Description - NA0069R1LF

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
NA0069RMLF BOTHHAND-NA0069RMLF Datasheet
242Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA69LF BOTHHAND-NA69LF Datasheet
236Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA69RLF BOTHHAND-NA69RLF Datasheet
243Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA0068RLF BOTHHAND-NA0068RLF Datasheet
656Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA0068LF BOTHHAND-NA0068LF_17 Datasheet
659Kb / 2P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA0068LF BOTHHAND-NA0068LF Datasheet
86Kb / 1P
   1000 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
24ST0028P BOTHHAND-24ST0028P Datasheet
308Kb / 1P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NT15LF BOTHHAND-NT15LF Datasheet
609Kb / 2P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA1284RLF BOTHHAND-NA1284RLF Datasheet
130Kb / 2P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
NA1284R-LF BOTHHAND-NA1284R-LF Datasheet
130Kb / 2P
   10/100 BASE-T PC CARD LAN MAGNETICS SOLUTIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com