Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA00126DGGR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # HPA00126DGGR
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA00126DGGR Datasheet(HTML) 8 Page - Texas Instruments

Back Button HPA00126DGGR Datasheet HTML 4Page - Texas Instruments HPA00126DGGR Datasheet HTML 5Page - Texas Instruments HPA00126DGGR Datasheet HTML 6Page - Texas Instruments HPA00126DGGR Datasheet HTML 7Page - Texas Instruments HPA00126DGGR Datasheet HTML 8Page - Texas Instruments HPA00126DGGR Datasheet HTML 9Page - Texas Instruments HPA00126DGGR Datasheet HTML 10Page - Texas Instruments HPA00126DGGR Datasheet HTML 11Page - Texas Instruments HPA00126DGGR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
GND
V
DD
R=60 W
V
Yx
R=60 W
V
/2
DD
V
Yx
CDCVF857
S0229-01
Scope
C=14pF
Z=60 W
Z=60 W
Z=50 W
Z=50 W
R=50 W
R=50 W
V
(TT)
V
(TT)
C=14pF
–V
DD/2
–V
DD/2
V
=GND
(TT)
–V
DD/2
V
DD/2
R=10 W
R=10 W
CDCVF857
S0230-01
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
Figure 1. IBIS Model Output Load
Figure 2. Output Load Test Circuit
8
Submit Documentation Feedback


Similar Part No. - HPA00126DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA00141AIDBVRG4 TI1-HPA00141AIDBVRG4 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
HPA00141AIDCKG4 TI1-HPA00141AIDCKG4 Datasheet
1Mb / 42P
[Old version datasheet]   1.8-V, microPower, CMOS Operational Amplifiers, Zero-Drift Series
HPA00165DGSR TI1-HPA00165DGSR Datasheet
1Mb / 36P
[Old version datasheet]   Positive High-Voltage Power-Limiting Hot Swap Controller
HPA00169DGNR TI1-HPA00169DGNR Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
HPA00190DR TI1-HPA00190DR Datasheet
972Kb / 31P
[Old version datasheet]   3-Channel SDTV Video Amplifier With 5th-Order Filters and 6-dB Gain
More results

Similar Description - HPA00126DGGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com