Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP3000FQBDH Datasheet(PDF) 10 Page - Texas Instruments

Part # DLP3000FQBDH
Description  DLP 0.3 WVGA Series 220 DMD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000FQBDH Datasheet(HTML) 10 Page - Texas Instruments

Back Button DLP3000FQBDH Datasheet HTML 6Page - Texas Instruments DLP3000FQBDH Datasheet HTML 7Page - Texas Instruments DLP3000FQBDH Datasheet HTML 8Page - Texas Instruments DLP3000FQBDH Datasheet HTML 9Page - Texas Instruments DLP3000FQBDH Datasheet HTML 10Page - Texas Instruments DLP3000FQBDH Datasheet HTML 11Page - Texas Instruments DLP3000FQBDH Datasheet HTML 12Page - Texas Instruments DLP3000FQBDH Datasheet HTML 13Page - Texas Instruments DLP3000FQBDH Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
From Output
Under Test
RL
Tester Channel
C = 50 pF
C = 5 pF for Disable Time
L
L
DLP3000
DLPS022B – JANUARY 2012 – REVISED MARCH 2015
www.ti.com
6.7 Timing Requirements
over operating free-air temperature range (unless otherwise noted)
PARAMETER
MIN
NOM
MAX
UNIT
Setup time: DATA before rising or falling edge of DCLK
1
ts1
Setup time: TRC before rising or falling edge of DCLK
1
ns
Setup time: SCTRL before rising or falling edge of DCLK
1
ts2
Setup time: LOADB low before rising edge of DCLK
1
ns
ts3
Setup time: SAC_BUS low before rising edge of SAC_CLK
1
ns
ts4
Setup time: DRC_BUS high before rising edge of SAC_CLK
1
ns
ts5
Setup time: DRC_STROBE high before rising edge of SAC_CLK
1
ns
Hold time: DATA after rising or falling edge of DCLK
1
th1
Hold time: TRC after rising or falling edge of DCLK
1
ns
Hold time: SCTRL after rising or falling edge of DCLK
1
th2
Hold time: LOADB low after falling edge of DCLK
1
ns
th3
Hold time: SAC_BUS low after rising edge of SAC_CLK
1
ns
th4
Hold time: DRC_BUS after rising edge of SAC_CLK
1
ns
th5
Hold time: DRC_STROBE after rising edge of SAC_CLK
1
ns
tc1
Clock cycle: DCLK
12.5
16.67
ns
tc3
Clock cycle: SAC_CLK
12.5
16.67
ns
tw1
Pulse duration high or low: DCLK
5
ns
tw2
Pulse duration low: LOADB
7
ns
tw3
Pulse duration high or low: SAC_CLK
5
ns
tw5
Pulse duration high: DRC_STROBE
7
ns
Rise time: DCLK / SAC_CLK
2.5
tr
ns
Rise time: DATA / TRC / SCTRL / LOADB
2.5
Fall time: DCLK / SAC_CLK
2.5
tf
ns
Fall time: DATA / TRC / SCTRL / LOADB
2.5
6.8 Measurement Conditions
The data sheet provides timing at the device pin. For output timing analysis, consider the tester pin electronics
and its transmission line effects. Figure 2 shows an equivalent test load circuit for the output under test. The load
capacitance value stated is only for characterization and measurement of AC timing signals. This load
capacitance value does not indicate the maximum load the device is capable of driving.
All rise and fall transition timing parameters are referenced to VIL max and VIH min for input clocks and VOL max
and VOH min for output clocks.
Figure 2. Test Load Circuit for AC Timing Measurements
10
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: DLP3000


Similar Part No. - DLP3000FQBDH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000FQB TI1-DLP3000FQB Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000FQB TI1-DLP3000FQB Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
More results

Similar Description - DLP3000FQBDH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP3034-Q1 TI1-DLP3034-Q1 Datasheet
760Kb / 39P
[Old version datasheet]   0.3 WVGA 405-nm DMD for Automotive Interior Display
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3020-Q1 TI-DLP3020-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   DLP3020-Q1 0.3-Inch WVGA DMD for Automotive Interior Display
FEBRUARY 2022
DLP3000 TI1-DLP3000_15 Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com