Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF857RHATG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF857RHATG4
Description  2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF857RHATG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button CDCVF857RHATG4 Datasheet HTML 3Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 4Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 5Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 6Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 7Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 8Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 9Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 10Page - Texas Instruments CDCVF857RHATG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
www.ti.com
TIMING REQUIREMENTS
SWITCHING CHARACTERISTICS
CDCVF857
SCAS047F – MARCH 2003 – REVISED MAY 2007
ELECTRICAL CHARACTERISTICS (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP (1)
MAX
UNIT
Part-to-part input
∆C
VDDQ = 2.5 V, VI = VDDQ or GND
1
pF
capacitance variation
Input capacitance difference
CI(∆)
between CLK and CLK,
VDDQ = 2.5 V, VI = VDDQ or GND
0.25
pF
FBIN, and FBIN
over recommended ranges of supply voltage and operating free-air temperature
PARAMETER
MIN
MAX
UNIT
Operating clock frequency
60
220
fCLK
MHz
Application clock frequency
90
220
Input clock duty cycle
40%
60%
Stabilization time (PLL mode) (1)
10
µs
Stabilization time (bypass mode) (2)
30
ns
(1)
The time required for the integrated PLL circuit to obtain phase lock of its feedback signal to its reference signal. For phase lock to be
obtained, a fixed-frequency, fixed-phase reference signal must be present at CLK and VDD must be applied. Until phase lock is obtained,
the specifications for propagation delay, skew, and jitter parameters given in the switching characteristics table are not applicable. This
parameter does not apply for input modulation under SSC application.
(2)
A recovery time is required when the device goes from power-down mode into bypass mode (AVDD at GND).
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH(1)
Low-to-high level propagation delay time
Test mode/CLK to any output
3.5
ns
tPHL(1)
High-to-low level propagation delay time
Test mode/CLK to any output
3.5
ns
100 MHz (PC1600)
–65
65
tjit(per)(2)
Jitter (period), see Figure 7
ps
133/167/200 MHz (PC2100/2700/3200)
–30
30
100 MHz (PC1600)
–50
50
tjit(cc)(2)
Jitter (cycle-to-cycle), see Figure 4
ps
133/167/200 MHz (PC2100/2700/3200)
–35
35
100 MHz (PC1600)
–100
100
tjit(hper)(2)
Half-period jitter, see Figure 8
ps
133/167/200 MHz (PC2100/2700/3200)
–75
75
tslr(o)
Output clock slew rate, see Figure 9
Load: 120
Ω, 14 pF
1
2
V/ns
t(φ)
Static phase offset, see Figure 5
100/133/167/200 MHz
–50
50
ps
tsk(o)
Output skew, see Figure 6
Load: 120
Ω, 14 pF; 100/133/167/200 MHz
40
ps
(1)
Refers to the transition of the noninverting output.
(2)
This parameter is assured by design but cannot be 100% production tested.
7
Submit Documentation Feedback


Similar Part No. - CDCVF857RHATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857RHATG4 TI-CDCVF857RHATG4 Datasheet
475Kb / 19P
[Old version datasheet]   2.5-V PHASE-LOCK LOOP CLOCK DRIVER
CDCVF857RHATG4 TI1-CDCVF857RHATG4 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
More results

Similar Description - CDCVF857RHATG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI-CDCVF855 Datasheet
241Kb / 14P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF855 TI1-CDCVF855_16 Datasheet
793Kb / 16P
[Old version datasheet]   2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com