Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLP3000 Datasheet(PDF) 1 Page - Texas Instruments

Part # DLP3000
Description  DLP 0.3 WVGA Series 220 DMD
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP3000 Datasheet(HTML) 1 Page - Texas Instruments

  DLP3000 Datasheet HTML 1Page - Texas Instruments DLP3000 Datasheet HTML 2Page - Texas Instruments DLP3000 Datasheet HTML 3Page - Texas Instruments DLP3000 Datasheet HTML 4Page - Texas Instruments DLP3000 Datasheet HTML 5Page - Texas Instruments DLP3000 Datasheet HTML 6Page - Texas Instruments DLP3000 Datasheet HTML 7Page - Texas Instruments DLP3000 Datasheet HTML 8Page - Texas Instruments DLP3000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
DLP3000
DLPS022B – JANUARY 2012 – REVISED MARCH 2015
DLP3000 DLP® 0.3 WVGA Series 220 DMD
1 Features
3 Description
The DLP3000 digital micromirror device (DMD) is a
1
0.3-Inch (7.62 mm) Diagonal Micromirror Array
digitally-controlled
micro-opto-electromechanical
608 × 684 Array of Aluminum, Micrometer-
system (MOEMS) spatial light modulator (SLM)
Sized Mirrors Offering up to WVGA Resolution
optimized for small form-factor applications. When
(854 × 480) Wide Aspect Ratio Display
coupled
to
an
appropriate
optical
system,
the
DLP3000 can be used to modulate the amplitude and
7.6-µm Micromirror Pitch
direction of incoming light.
The DLP3000 creates
±12° Micromirror Tilt Angle (Relative to Flat
highly flexible light patterns with speed, precision, and
State)
efficiency.
Side Illumination for Optimized Efficiency
Architecturally, the DLP3000 is a latchable, electrical-
5-µs Micromirror Crossover Time
in/optical-out semiconductor device. This architecture
Highly Efficient in Visible Light (420 to 700 nm):
makes
the
DLP3000
well-suited
for
use
in
applications such as 3D scanning or metrology with
Window Transmission 97%
structured
light,
augmented
reality,
microscopy,
Micromirror Reflectivity 88%
medical instruments, and spectroscopy. The compact
Array Diffraction Efficiency 86%
physical size of the DLP3000 is well-suited for
portable equipment where small form factor and lower
Array Fill Factor 92%
cost
are
important.
The
compact
package
Polarization Independent
complements the small size of LEDs to enable highly-
Package Footprint of 16.6-mm × 7-mm × 4.6-mm
efficient, robust light engines.
Low Power Consumption at 200 mW (Typical)
The DLP3000 is one of two devices in the DLP® 0.3
Dedicated DLPC300 Controller for Reliable
WVGA chipset. Proper function and reliable operation
Operation
of the DLP3000 requires that it be used in conjunction
with the DLPC300 controller. See the DLP 0.3 WVGA
Supports High-Speed Pattern Rates of 4000 Hz
chipset data sheet (DLPZ005) for further details.
(Binary) and 120 Hz (8-Bit)
15-Bit, Double Data Rate (DDR) Input Data Bus
Device Information(1)
60- to 80-MHz Input Data Clock Rate
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Integrated Micromirror Driver Circuitry
DLP3000
LCCC (50)
16.6 mm × 7.0 mm × 4.6 mm
Supports 0°C to 70°C
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Package Mates to PANASONIC AXT550224
Socket
Simplified Diagram
2 Applications
Machine Vision
Industrial Inspection
3D Scanning Such as Dental Scanners
3D Optical Metrology
Automated Fingerprint Identification
Face Recognition
Augmented Reality
Embedded Display
Interactive Display
Information Overlay
Spectroscopy
Chemical Analyzers
Medical Instruments
Photo-Stimulation
Virtual Gauges
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - DLP3000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000FQB TI1-DLP3000FQB Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3000FQB TI1-DLP3000FQB Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
DLP3000 TI1-DLP3000_15 Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
More results

Similar Description - DLP3000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLP3000 TI1-DLP3000 Datasheet
1Mb / 30P
[Old version datasheet]   DLP짰 0.3 WVGA Series 220 DMD
DLP3030-Q1 TI1-DLP3030-Q1 Datasheet
143Kb / 7P
[Old version datasheet]   0.3 WVGA S450 DMD
DLP3021-Q1 TI1-DLP3021-Q1 Datasheet
626Kb / 38P
[Old version datasheet]   0.3-In WVGA DMD
DLP3021-Q1 TI1-DLP3021-Q1_V01 Datasheet
593Kb / 39P
[Old version datasheet]   DLP3021-Q1 0.3-Inch WVGA DMD
DLP2010 TI1-DLP2010 Datasheet
670Kb / 41P
[Old version datasheet]   WVGA DMD
DLP3034-Q1 TI1-DLP3034-Q1 Datasheet
760Kb / 39P
[Old version datasheet]   0.3 WVGA 405-nm DMD for Automotive Interior Display
DLP2010 TI1-DLP2010_16 Datasheet
684Kb / 41P
[Old version datasheet]   0.2 WVGA DMD
DLP2010 TI1-DLP2010_19 Datasheet
680Kb / 42P
[Old version datasheet]   DLP2010 .2 WVGA DMD
DLP3020-Q1 TI-DLP3020-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   DLP3020-Q1 0.3-Inch WVGA DMD for Automotive Interior Display
FEBRUARY 2022
DLP3000 TI1-DLP3000_15 Datasheet
1,023Kb / 38P
[Old version datasheet]   짰 0.3 WVGA Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com