Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC232CKZXGR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DDC232CKZXGR
Description  32-Channel, Current-Input Analog-to-Digital Converter
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC232CKZXGR Datasheet(HTML) 5 Page - Texas Instruments

  DDC232CKZXGR Datasheet HTML 1Page - Texas Instruments DDC232CKZXGR Datasheet HTML 2Page - Texas Instruments DDC232CKZXGR Datasheet HTML 3Page - Texas Instruments DDC232CKZXGR Datasheet HTML 4Page - Texas Instruments DDC232CKZXGR Datasheet HTML 5Page - Texas Instruments DDC232CKZXGR Datasheet HTML 6Page - Texas Instruments DDC232CKZXGR Datasheet HTML 7Page - Texas Instruments DDC232CKZXGR Datasheet HTML 8Page - Texas Instruments DDC232CKZXGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Top View
Columns
F
D
B
G
H
E
C
A
IN7
IN9
IN11
IN6
IN5
IN8
IN10
IN12
2
IN19
IN29
IN31
IN18
IN17
IN20
IN30
IN32
3
IN3
IN13
IN15
IN2
IN1
IN4
IN14
IN16
4
AGND
AGND
AGND
AGND
QGND
AGND
AGND
AGND
5
AVDD
AGND
VREF
AVDD
AGND
AVDD
DGND
VREF
6
CLK
DOUT
DIN
DGND
DCLK
NC
DGND
CONV
8
IN23
IN25
IN27
IN22
IN21
IN24
IN26
IN28
1
CLK_CFG
DGND
DVDD
DIN_CFG
DVALID
DGND
RESET
DGND
7
BGA
DDC232
www.ti.com
SBAS331D – AUGUST 2004 – REVISED APRIL 2010
PIN CONFIGURATION
PIN DESCRIPTIONS
PIN
LOCATION
FUNCTION
DESCRIPTION
IN1–32
Rows 1–4
Analog Input
Analog Inputs for Channels 1 to 32
QGND
H5
Analog
Quiet Analog Ground
AGND
G5, F5, E5, D5, C5, B5, A5, D6, H6
Analog
Analog Ground
DGND
A7, C6, D7, E7, C8, G8
Digital
Digital Ground
AVDD
E6, F6, G6
Analog
Analog Power Supply, +5V Nominal
VREF
A6, B6
Analog Input
External Voltage Reference Input, +4.096V Nominal
DVALID
H7
Digital Output
Data Valid Output, Active Low
DIN_CFG
G7
Digital Input
Configuration Register Data Input
CLK_CFG
F7
Digital Input
Configuration Register Clock Input
RESET
C7
Digital Input
Digital Reset, Active Low
DVDD
B7
Digital
Digital Power Supply, 3.3V Nominal
CONV
A8
Digital Input
Conversion Control Input; 0 = Integrate on Side B, 1 = Integrate on Side A
DIN
B8
Digital Input
Serial Data Input
DOUT
D8
Digital Output
Serial Data Output
NC
E8
No Connect
Do not connect; must be left floating.
CLK
F8
Digital Input
Master Clock Input
DCLK
H8
Digital Input
Serial Data Clock Input
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): DDC232


Similar Part No. - DDC232CKZXGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC232CKZXGR TI1-DDC232CKZXGR Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232CKZXGR TI1-DDC232CKZXGR Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - DDC232CKZXGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
   32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI1-DDC316_17 Datasheet
1Mb / 28P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC316 TI-DDC316 Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
[Old version datasheet]   128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
[Old version datasheet]   256-Channel, Current-Input Analog-To-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
[Old version datasheet]   64-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
[Old version datasheet]   DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
logo
Burr-Brown (TI)
DDC118 BURR-BROWN-DDC118 Datasheet
384Kb / 30P
   Octal Current Input 20-Bit Analog-To-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com