Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCE937PWRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE937PWRG4
Description  Flexible Low Power LVCMOS Clock Generator With SSC Support For EMI Reduction
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCE937PWRG4 Datasheet(HTML) 2 Page - Texas Instruments

  CDCE937PWRG4 Datasheet HTML 1Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 2Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 3Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 4Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 5Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 6Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 7Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 8Page - Texas Instruments CDCE937PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
2
CDCE937, CDCEL937
SLAS564G – AUGUST 2007 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: CDCE937 CDCEL937
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 4
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings.............................................................. 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Electrical Characteristics........................................... 6
6.6
Timing Requirements: CLK_IN ................................. 8
6.7
Timing Requirements: SDA/SCL .............................. 8
6.8
EEPROM Specification ............................................. 8
6.9
Typical Characteristics .............................................. 9
7
Parameter Measurement Information ................ 10
8
Detailed Description ............................................ 11
8.1
Overview ................................................................. 11
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 15
8.5
Programming........................................................... 16
8.6
Register Maps ......................................................... 17
9
Application and Implementation ........................ 24
9.1
Application Information............................................ 24
9.2
Typical Application .................................................. 24
10
Power Supply Recommendations ..................... 29
11
Layout................................................................... 29
11.1
Layout Guidelines ................................................. 29
11.2
Layout Example .................................................... 30
12
Device and Documentation Support ................. 31
12.1
Device Support...................................................... 31
12.2
Documentation Support ........................................ 31
12.3
Receiving Notification of Documentation Updates 31
12.4
Community Resources.......................................... 31
12.5
Trademarks ........................................................... 31
12.6
Electrostatic Discharge Caution ............................ 31
12.7
Glossary ................................................................ 31
13
Mechanical, Packaging, and Orderable
Information ........................................................... 32
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (March 2010) to Revision G
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1
Changed Applications............................................................................................................................................................. 1
Changed Thermal Resistance Junction to Ambient, RθJA, values in Thermal Information From: 89 (0 lfm), 75 (150
lfm), 74 (200 lfm), 74 (250 lfm), and 69 (500 lfm) To: 89.04 .................................................................................................. 6
Deleted Input Capacitance figure ......................................................................................................................................... 19
Changes from Revision E (October 2009) to Revision F
Page
Added PLL settings limits: 16
≤ q ≤ 63, 0 ≤ p ≤ 7, 0 ≤ r ≤ 511, 0 < N < 4096 foot to PLL1, PLL2, and PLL3 Configure
Register Table ...................................................................................................................................................................... 20
Changed 100 MHz < ƒVCO > 200 MHz; TO 80 MHz ≤ ƒVCO ≤ 230 MHz; and changed 0 ≤ p ≤ 7 TO 0 ≤ p ≤ 4 ................... 26
Changed under Example, fifth row, N", 2 places TO N' ....................................................................................................... 26
Changes from Revision D (September 2009) to Revision E
Page
Deleted sentence - A different default setting can be programmed on customer request. Contact Texas Instruments
sales or marketing representative for more information. ...................................................................................................... 14
Changes from Revision C (January 2009) to Revision D
Page
Added Note 3: SDA and SCL can go up to 3.6 V as stated in the Recommended Operating Conditions table ................... 5


Similar Part No. - CDCE937PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCE937PWRG4 TI-CDCE937PWRG4 Datasheet
481Kb / 30P
[Old version datasheet]   Programmable 3-PLL VCXO Clock Synthesizer With 1.8-V, 2.5-V and 3.3-V LVCMOS Outputs
More results

Similar Description - CDCE937PWRG4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
P3MS650100H ONSEMI-P3MS650100H Datasheet
218Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
August, 2011 ??Rev. 0
P3MS650103H ONSEMI-P3MS650103H Datasheet
156Kb / 7P
   LVCMOS Peak EMI Reduction Clock Generator
September, 2011 ??Rev. 0
logo
Silicon Laboratories
SL38000-15AH SILABS-SL38000-15AH Datasheet
177Kb / 10P
   4-PLL Clock Generator with SSC
logo
Cypress Semiconductor
CY25000 CYPRESS-CY25000 Datasheet
271Kb / 10P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_07 Datasheet
364Kb / 12P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_09 Datasheet
380Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200_12 Datasheet
583Kb / 15P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
CY25200 CYPRESS-CY25200 Datasheet
280Kb / 11P
   Programmable Spread Spectrum Clock Generator for EMI Reduction
logo
Texas Instruments
CDCS501 TI-CDCS501 Datasheet
309Kb / 10P
[Old version datasheet]   SSC Clock Generator/Buffer
logo
Alliance Semiconductor ...
ASM3P2508SP ALSC-ASM3P2508SP Datasheet
303Kb / 7P
   Clock Synthesizer and Frequency Generator with Peak EMI reduction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com