Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPA01215RHAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # HPA01215RHAR
Description  2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

HPA01215RHAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button HPA01215RHAR Datasheet HTML 6Page - Texas Instruments HPA01215RHAR Datasheet HTML 7Page - Texas Instruments HPA01215RHAR Datasheet HTML 8Page - Texas Instruments HPA01215RHAR Datasheet HTML 9Page - Texas Instruments HPA01215RHAR Datasheet HTML 10Page - Texas Instruments HPA01215RHAR Datasheet HTML 11Page - Texas Instruments HPA01215RHAR Datasheet HTML 12Page - Texas Instruments HPA01215RHAR Datasheet HTML 13Page - Texas Instruments HPA01215RHAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
CC2541
SWRS110D – JANUARY 2012 – REVISED JUNE 2013
www.ti.com
RSSI CHARACTERISTICS
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
2 Mbps, GFSK, 320-kHz Deviation, 0.1% BER and 2 Mbps, GFSK, 500-kHz Deviation, 0.1% BER
Reduced gain by AGC algorithm
64
Useful RSSI range(1)
dB
High gain by AGC algorithm
64
Reduced gain by AGC algorithm
79
RSSI offset(1)
dBm
High gain by AGC algorithm
99
Absolute uncalibrated accuracy(1)
±6
dB
Step size (LSB value)
1
dB
All Other Rates/Formats
Standard mode
64
Useful RSSI range(1)
dB
High-gain mode
64
Standard mode
98
RSSI offset(1)
dBm
High-gain mode
107
Absolute uncalibrated accuracy(1)
±3
dB
Step size (LSB value)
1
dB
(1)
Assuming CC2541 EM reference design. Other RF designs give an offset from the reported value.
FREQUENCY SYNTHESIZER CHARACTERISTICS
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C, VDD = 3 V and fc = 2440 MHz
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
At ±1-MHz offset from carrier
–109
Phase noise, unmodulated carrier
At ±3-MHz offset from carrier
–112
dBc/Hz
At ±5-MHz offset from carrier
–119
ANALOG TEMPERATURE SENSOR
Measured on Texas Instruments CC2541 EM reference design with TA = 25°C and VDD = 3 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output
1480
12-bit
Temperature coefficient
4.5
/ 1°C
Voltage coefficient
1
0.1 V
Measured using integrated ADC, internal band-gap voltage
reference, and maximum resolution
Initial accuracy without calibration
±10
°C
Accuracy using 1-point calibration
±5
°C
Current consumption when enabled
0.5
mA
COMPARATOR CHARACTERISTICS
TA = 25°C, VDD = 3 V. All measurement results are obtained using the CC2541 reference designs, post-calibration.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Common-mode maximum voltage
VDD
V
Common-mode minimum voltage
–0.3
Input offset voltage
1
mV
Offset vs temperature
16
µV/°C
Offset vs operating voltage
4
mV/V
Supply current
230
nA
Hysteresis
0.15
mV
10
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: CC2541


Similar Part No. - HPA01215RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HPA01210SIPR TI1-HPA01210SIPR Datasheet
5Mb / 30P
[Old version datasheet]   600-mA, High-Efficiency MicroSiP Step-Down Converter (Profile <1.0mm)
HPA01211RHBR TI1-HPA01211RHBR Datasheet
1Mb / 97P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio and Telephony
HPA01217DRZR TI1-HPA01217DRZR Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results

Similar Description - HPA01215RHAR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_14 Datasheet
1Mb / 36P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
List of Unclassifed Man...
NRF51822 ETC1-NRF51822 Datasheet
256Kb / 2P
   Multi-protocol Bluetooth Low Energy and 2.4GHz proprietary system-on-chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com