Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27520YZFR-G2 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ27520YZFR-G2
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27520YZFR-G2 Datasheet(HTML) 3 Page - Texas Instruments

  BQ27520YZFR-G2 Datasheet HTML 1Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 2Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 3Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 4Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 5Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 6Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 7Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 8Page - Texas Instruments BQ27520YZFR-G2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
CSP-15
(TOP VIEW)
A 1
A 2
A 3
B 1
B 2
C 1
C 2
C 3
D 1
D 2
D 3
B 3
A 1
A 2
A 3
B 1
B 2
B 3
C 1
C 2
C 3
D 1
D 2
D 3
CSP-15
(BOTTOMVIEW)
E 1
E 2
E 3
E 1
E 2
E 3
bq27520-G2
www.ti.com
SLUSAB7A
– MARCH 2011 – REVISED AUGUST 2011
2
DEVICE INFORMATION
2.1
AVAILABLE OPTIONS
FIRMWARE
TAPE and REEL
PART NUMBER
PACKAGE(1)
TA
COMMUNICATION FORMAT
VERSION
QUANTITY
bq27520YZFR-G2
3000
3.11
CSP-15
–40°C to 85°C
I2C
bq27520YZFT-G2
250
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
2.2
THERMAL INFORMATION
bq27520-G2
THERMAL METRIC(1)
UNITS
YZF(15 PINS)
θJA
Junction-to-ambient thermal resistance
70
θJCtop
Junction-to-case (top) thermal resistance
17
θJB
Junction-to-board thermal resistance
20
°C/W
ψJT
Junction-to-top characterization parameter
1
ψJB
Junction-to-board characterization parameter
18
θJCbot
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953
2.3
PIN ASSIGNMENT
Copyright
© 2011, Texas Instruments Incorporated
DEVICE INFORMATION
3
Submit Documentation Feedback
Product Folder Link(s) :bq27520-G2


Similar Part No. - BQ27520YZFR-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq27520YZFR-G2 TI1-bq27520YZFR-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
More results

Similar Description - BQ27520YZFR-G2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G4 TI1-BQ27520-G4_17 Datasheet
1Mb / 36P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com