Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27520-G4 Datasheet(PDF) 4 Page - Texas Instruments

Part # BQ27520-G4
Description  System-Side Impedance Track Fuel Gauge With Integrated LDO
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27520-G4 Datasheet(HTML) 4 Page - Texas Instruments

  BQ27520-G4_17 Datasheet HTML 1Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 2Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 3Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 4Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 5Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 6Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 7Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 8Page - Texas Instruments BQ27520-G4_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
(TOP VIEW)
D1
D2
D3
E1
E2
E3
C1
C2
C3
B1
B2
B3
A1
A2
A3
D1
D2
D3
E1
E2
E3
C1
C2
C3
B1
B2
B3
A1
A2
A3
(BOTTOM VIEW)
D
xx
xx
MIN
TYP
MAX
DIM
UNITS
2580
2610
2640
D
m
1926
1956
1986
E
Pin A1
Index Area
E
bq27520-G4
SLUSB20B – NOVEMBER 2012 – REVISED DECEMBER 2015
www.ti.com
6 Pin Configuration and Functions
YZF Package
15-Pin DSBGA
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NUMBER
Cell-voltage measurement input. ADC input. Recommend 4.8 V maximum for conversion
BAT
E2
I
accuracy.
Battery Good push-pull indicator output. Active low and output disabled by default. Polarity
BAT_GD
B2
O
is configured via Op Config [BATG_POL] and the output is enabled via OpConfig C
[BATGSPUEN].
Battery Low push-pull output indicator. Active high and output enabled by default. Polarity is
BAT_LOW
C3
O
configured via Op Config [BATL_POL] and the output is enabled via OpConfig C
[BATLSPUEN].
Battery-insertion detection input. Power pin for pack thermistor network. Thermistor-
BI/TOUT
E3
IO
multiplexer control pin. Use with pullup resistor >1 M
Ω (1.8 MΩ, typical).
Chip Enable. Internal LDO is disconnected from REGIN when driven low.
CE
D2
I
Note: CE has an internal ESD protection diode connected to REGIN. Recommend
maintaining VCE ≤ VREGIN under all conditions.
REGIN
E1
P
Regulator input. Decouple with 0.1-
μF ceramic capacitor to VSS.
Slave I2C serial communications clock input line for communication with system (Master).
SCL
A3
I
Open-drain IO. Use with 10-k
Ω pullup resistor (typical).
Slave I2C serial communications data line for communication with system (Master). Open-
SDA
B3
IO
drain IO. Use with 10-k
Ω pullup resistor (typical).
SOC state interrupts output. Generates a pulse under the conditions specified in the
SOC_INT
A2
O
bq27520-G4 Technical Reference Manual, SLUUA35. Open drain output.
Analog input pin connected to the internal coulomb counter with a Kelvin connection where
SRN
B1
IA
SRN is nearest the VSS connection. Connect to 5-mΩ to 20-mΩ sense resistor.
Analog input pin connected to the internal coulomb counter with a Kelvin connection where
SRP
A1
IA
SRP is nearest the PACK– connection. Connect to 5-m
Ω to 20-mΩ sense resistor.
TS
D3
IA
Pack thermistor voltage sense (use 103AT-type thermistor). ADC input.
Regulator output and bq27520-G4 processor power. Decouple with 1-
μF ceramic capacitor
VCC
D1
P
to VSS.
VSS
C1, C2
P
Device ground
(1)
IO = Digital input-output, IA = Analog input, P = Power connection
4
Submit Documentation Feedback
Copyright © 2012–2015, Texas Instruments Incorporated
Product Folder Links: bq27520-G4


Similar Part No. - BQ27520-G4_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G4 TI1-BQ27520-G4 Datasheet
1Mb / 34P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge
More results

Similar Description - BQ27520-G4_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27520-G3 TI-BQ27520-G3 Datasheet
863Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G3 TI1-BQ27520-G3_17 Datasheet
1Mb / 49P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520YZFR-G4 TI-BQ27520YZFR-G4 Datasheet
843Kb / 19P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G1 TI-BQ27520-G1 Datasheet
667Kb / 46P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G1 TI1-BQ27520-G1_14 Datasheet
1,021Kb / 50P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2_17 Datasheet
1Mb / 50P
[Old version datasheet]   System-Side Impedance Track Fuel Gauge With Integrated LDO
BQ27520-G2 TI1-BQ27520-G2 Datasheet
839Kb / 47P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge With Integrated LDO
BQ27505-J2 TI-BQ27505-J2 Datasheet
843Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505 TI1-BQ27505 Datasheet
878Kb / 42P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
BQ27505-J5 TI1-BQ27505-J5 Datasheet
811Kb / 41P
[Old version datasheet]   System-Side Impedance Track??Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com