Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RC0402JR-7N9K76L Datasheet(PDF) 9 Page - YAGEO Corporation

Part # RC0402JR-7N9K76L
Description  GENERAL PURPOSE CHIP RESISTORS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC0402JR-7N9K76L Datasheet(HTML) 9 Page - YAGEO Corporation

Back Button RC0402JR-7N9K76L Datasheet HTML 2Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 3Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 4Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 5Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 6Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 7Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 8Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 9Page - YAGEO Corporation RC0402JR-7N9K76L Datasheet HTML 10Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Chip Resistor Surface Mount
www.yageo.com
Feb. 17, 2017 V.5
Product specification
9
10
SERIES
RC_L
0075 to 2512
Thermal
Shock
MIL-STD-202 Method 107G
-55/+125°C
Note Number of cycles required is 300.
Devices mounted
Maximum transfer time is 20 seconds.
Dwell time is 15 minutes. Air - Air
0075/01005: ± (1% +50mΩ)
< 50mΩf or
jumper
Others:
± (0.5%+50mΩ) for B/D/F tol
± (1%+50mΩ) for J tol
<50mR for jumper
Short Time
Overload
IEC 60115-1 4.13
2.5 times RCWV or maximum overload voltage
which is less for 5 seconds at room temperature
0075/01005: ± (2% +50mΩ)
< 50mΩf or
jumper
Others:
± (1%+50mΩ) for B/D/F tol
± (2%+50mΩ) for J tol
<50mR for jumper
No visible damage
Board Flex/
Bending
IEC 60115-1 4.33
Device mounted or as described only 1 board
bending required
bending time: 60± 5 seconds
0075/0100/0201/0402:5mm;
0603/0805:3mm;
1206 and above:2mm
0075/01005: ± (1% +50mΩ)
< 50mΩf or
jumper
Others:
± (1%+50mΩ) for B/D/F/J Tol
<50mR for jumper
No visible damage
Solderability
- Wetting
J-STD-002 test B
Electrical Test not required Magnification 50X
SMD conditions:
1st step: method B, aging 4 hours at 155 °C
dry heat
2nd step: leadfree solder bath at 245± 3 °C
Dipping time: 3± 0.5 seconds
W ell tinned
(>95% covered)
No visible damage
-Leaching
J-STD-002 test D
Leadfree solder ,260°C, 30 seconds immersion
time
No visible damage
-Resistance to
Soldering Heat
MIL-STD-202 Method 210F
IEC 60115-1 4.18
Condition B, no pre-heat of samples
Leadfree solder, 260 °C ± 5°C, 10 ± 1 seconds
immersion time
Procedure 2 for SMD: devices fluxed and
cleaned with isopropanol
0075: ± (3%+50mΩ)
<50mΩ for jumper
01005: ± (1% +50mΩ)
< 50mΩf or jumper
Others:
±(0.5% +50mΩ ) for B/D/F
tol.±(1% +50mΩ ) for J tol.
<50mR for jumper
No visible damage


Similar Part No. - RC0402JR-7N9K76L

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC0402JR-7N9K76P YAGEO-RC0402JR-7N9K76P Datasheet
676Kb / 8P
   LEAD FREE CHIP RESISTORS
More results

Similar Description - RC0402JR-7N9K76L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RC01 ETC1-RC01 Datasheet
629Kb / 15P
   General purpose chip resistors
logo
YAGEO Corporation
RC0402FR-07620RL YAGEO-RC0402FR-07620RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0805FR-078K2L YAGEO-RC0805FR-078K2L Datasheet
315Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-076K8L YAGEO-RC0603FR-076K8L Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0747KL YAGEO-RC2512JK-0747KL Datasheet
432Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0603FR-0718RL YAGEO-RC0603FR-0718RL Datasheet
402Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC2512JK-0710RL YAGEO-RC2512JK-0710RL Datasheet
299Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402JR-0727KL YAGEO-RC0402JR-0727KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0201FR-0722KL YAGEO-RC0201FR-0722KL Datasheet
314Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
1018594 YAGEO-1018594 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com