Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA4342.153NLT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PA4342.153NLT
Description  SMT Power Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4342.153NLT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PA4342.153NLT Datasheet HTML 1Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 2Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 3Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 4Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 5Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 6Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 7Page - Pulse A Technitrol Company PA4342.153NLT Datasheet HTML 8Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P769.F (03/17)
1
pulseelectronics.com
SMT Power Inductor
High Current Molded Power Inductor - PA4342.XXXNLT Series
Height: 4.0mm Max
Footprint: 11.5mm x 10.3mm Max
Current Rating: up to 43.0A
Inductance Range: 0.15uH to 68.0uH
Shielded construction and compact design
High current, low DCR, and high efficiency
Minimized acoustic noise and minimized leakage flux
200Vdc Isolation between terminal and core
Electrical Specifications @ 25°C - Operating Temperature -40°C to +125°C
Part
Number
Inductance
100KHz, 1V
Rated
Current
DC
Resistance
Saturation
Current
Max.
Mechanical
MAX.
TYP.
uH
A
m
m
A
PA4342.151NLT
0.15
±30%
43.0
0.6
0.5
75.0
Footprint 1
PA4342.221NLT
0.22
±20%
35.0
1.0
0.8
60.0
Footprint 1
PA4342.271NLT
0.27
±20%
33.0
1.0
0.82
60.0
Footprint 1
PA4342.361NLT
0.36
±20%
31.0
1.2
1.05
60.0
Footprint 1
PA4342.391NLT
0.39
±20%
30.0
1.3
1.1
60.0
Footprint 1
PA4342.451NLT
0.45
±20%
29.0
1.5
1.3
45.0
Footprint 1
PA4342.471NLT
0.47
±20%
28.0
1.5
1.3
43.0
Footprint 1
PA4342.561NLT
0.56
±20%
25.0
1.8
1.6
40.0
Footprint 1
PA4342.681NLT
0.68
±20%
22.0
2.7
2.4
39.0
Footprint 1
PA4342.102NLT
1.00
±20%
18.0
3.3
3.0
36.0
Footprint 1
PA4342.122NLT
1.20
±20%
17.0
3.8
3.3
33.0
Footprint 1
PA4342.152NLT
1.50
±20%
16.0
4.6
4.0
33.0
Footprint 2
PA4342.222NLT
2.20
±20%
12.0
7.0
6.5
27.0
Footprint 2
PA4342.252NLT
2.50
±20%
11.5
8.7
7.9
23.0
Footprint 2
PA4342.332NLT
3.30
±20%
11.0
11.8
10.8
20.0
Footprint 2
PA4342.402NLT
4.00
±20%
10.2
15.0
13.0
18.0
Footprint 2
PA4342.472NLT
4.70
±20%
10.0
15.5
15.0
17.0
Footprint 2
PA4342.562NLT
5.60
±20%
9.0
19.3
17.0
14.0
Footprint 2
PA4342.682NLT
6.80
±20%
8.5
23.3
17.5
13.5
Footprint 2
USA 858 674 8100
Germany 49 2354 777 100
Singapore 65 6287 8998
Shanghai 86 21 62787060
China 86 755 33966678
Taiwan 886 3 4356768


Similar Part No. - PA4342.153NLT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA4342.153ANLT PULSE-PA4342.153ANLT Datasheet
451Kb / 3P
   SMT Power Inductors
More results

Similar Description - PA4342.153NLT

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com