Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR0402DR-7W10RL Datasheet(PDF) 5 Page - YAGEO Corporation

Part # SR0402DR-7W10RL
Description  SURGE CHIP RESISTORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

SR0402DR-7W10RL Datasheet(HTML) 5 Page - YAGEO Corporation

  SR0402DR-7W10RL Datasheet HTML 1Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 2Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 3Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 4Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 5Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 6Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 7Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 8Page - YAGEO Corporation SR0402DR-7W10RL Datasheet HTML 9Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Chip Resistor Surface Mount
www.yageo.com
Nov. 11, 2016 V.1
Product specification
5
9
SERIES
SR
0402/0603/0805/1206/1210/1218/2010/2512
PACKING STYLE AND PACKAGING QUANTITY
FOOTPRINT AND SOLDERING PROFILES
Recommended footprint and soldering profiles, please refer to data sheet “Chip resistors mounting”.
RESISTANCE
RANGE
TEMPERATURE COEFFICIENT OF RESISTANCE
PT040
2
100 mΩ to 910 mΩ
± 200 ppm/°C
PACKING STYLE
REEL DIMENSION
SR0402
SR0603/0805/1206
SR1210
SR1218/2010/2512
Paper taping reel (R)
7" (178 mm)
10,000
5,000
5,000
---
13" (330 mm)
50,000
20,000
20,000
---
Embossed taping reel (K)
7" (178 mm)
---
---
---
4,000
NOTE
1. For paper/embossed tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”.
Table 3 Packing style and packaging quantity
SR1218
SR0603/0805/1206/
1210/2010/2512
Side view for all type
Fig. 5 Chip resistor dimensions
For dimension, please refer to Table 1
SR0402
TYPE
POWER
RESISTANCE RANGE
CHARACTERISTICS
Operating
Temperature Range
Max.
Working
Voltage
Max.
Overload
Voltage
Dielectric
Withstanding
Voltage
Temperature
Coefficient of
Resistance
SR0402
1/16W
E24/E96 0.5%, 1%
1 Ω ≤ R ≤ 100 KΩ
–55 °C to +155 °C
50 V
100 V
100 V
± 200 ppm/°C
1/8W
SR0603
1/10W
75V
150V
150V
1/5W
1/4W
SR0805
1/8 W
150V
300V
300V
1/4W
1/3W
SR1206
1/4 W
200 V
400 V
500 V
1/2W
3/4W
SR1210
1/2W
200 V
400 V
500 V
SR1218
1 W
200 V
400 V
500 V
SR2010
3/4 W
200 V
400 V
500 V
SR2512
1 W
200 V
400 V
500 V
ELECTRICAL CHARACTERISTICS
Table 2


Similar Part No. - SR0402DR-7W10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0402JK-07100KL YAGEO-SR0402JK-07100KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR0402JK-07100KL YAGEO-SR0402JK-07100KL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
SR0402JK-07100RL YAGEO-SR0402JK-07100RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR0402JK-07100RL YAGEO-SR0402JK-07100RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
SR0402JK-0710KL YAGEO-SR0402JK-0710KL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
More results

Similar Description - SR0402DR-7W10RL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
SR0402JR-071RL YAGEO-SR0402JR-071RL Datasheet
700Kb / 8P
   SURGE CHIP RESISTORS
SR0805 YAGEO-SR0805 Datasheet
305Kb / 8P
   SURGE CHIP RESISTORS
logo
Rohm
ESR10EZPJ3R9 ROHM-ESR10EZPJ3R9 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1002 ROHM-ESR10EZPF1002 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10EZPF1200 ROHM-ESR10EZPF1200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
ESR10 ROHM-ESR10_08 Datasheet
75Kb / 5P
   Anti-surge Chip Resistors
ESR18 ROHM-ESR18_08 Datasheet
76Kb / 5P
   Anti-surge Chip Resistors
ESR ROHM-ESR Datasheet
571Kb / 8P
   Anti-surge chip resistors
ESR10EZPJ200 ROHM-ESR10EZPJ200 Datasheet
136Kb / 5P
   Anti-surge Chip Resistors
logo
KOA Speer Electronics, ...
SG73-RT KOA-SG73-RT Datasheet
577Kb / 3P
   surge current flat chip resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com