Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301530121 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301530121
Description  Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset,NEMA 5-20, 20A, 120V, 1.83m (6.0) Cord Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1301530121 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301530121 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/04/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301530121
Status:
Active
Overview:
Ground Fault Circuit Interrupter (GFCI) Products
Description:
Super-Safeway® In-Line Industrial GFCI, Portable, Single Phase, Manual Reset,
NEMA 5-20, 20A, 120V, 1.83m (6.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Product Literature (PDF)
Agency Certification
UL
E66308
General
Product Family
Power Distribution
Series
130153
Enclosure Rating
NEMA 4X
GFCI Reset
Manual
Mounting Style
Portable
Open Neutral Relay
Yes
Overview
Ground Fault Circuit Interrupter (GFCI) Products
Product Literature Order No
987650-7737, 987651-0452
Product Name
Super-Safeway™
Receptacle Type
N/A
Type
GFCI Industrial Duty, Single Phase
UPC
78678889744
Woodhead
Yes
Physical
Cord Diameter
10.67mm (.420")
Cord Grip Body Size
Internal Double C-Clamp
Cord Length
1.83m (6.0')
Feed-Thru
Yes
Flip Lid
No
Material - Housing
Nylon
Number of Receptacles
1
Packaging Type
Bag
Electrical
Cord Type
12/3 SJEOOW
Current - Maximum per Contact
20.0A
GFCI
Yes-In-line
Ground Continuity Monitor
No
NEMA Configuration
NEMA 5-20
Voltage - Maximum
125V
Material Info
Engineering Number
20051-6M
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Relevant
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
130153 Series
This document was generated on 01/04/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301530121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
   GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
   GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
2022/04/28
1301530122 MOLEX-1301530122 Datasheet
284Kb / 1P
   GFCI INLINE 20A, 120V ATTACHABLE W/PLUG & CONN. WATERTITE
22/04/28
1301530123 MOLEX1-1301530123 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, NEMA 5-20 Plug, NEMA 5-20 Receptacle, Watertight, 20A, 120V, 0.61m (2.0) Cord length
1301530123 MOLEX-1301530123 Datasheet
738Kb / 1P
   120VAC 20A, IN-LINE GFCI, 14W33/15W33 WATERTITE NEMA 5-20
19:07:54
More results

Similar Description - 1301530121

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530134 MOLEX1-1301530134 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20, 20A, 120V, 1.83m (6.0) Cord Length
1301530132 MOLEX-1301530132 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, NEMA 5-20, 20A, 120V, 1.83m (6.0) Cord Length
03/05/2021
1301530130 MOLEX1-1301530130 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20, 20A, 120V, 7.62m (25.0) Cord Length
1301530118 MOLEX1-1301530118 Datasheet
33Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20, 20A, 120V, 7.62m (25.0) Cord Length
1301530115 MOLEX1-1301530115 Datasheet
33Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Molded NEMA L5-20, 20A, 120V, 0.61m (2.0) Cord Length
1301530126 MOLEX1-1301530126 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20 Plug, NEMA 5-20 Receptacle, Watertight, 20A, 120V, 0.61m (2.0) Cord length
1301530147 MOLEX-1301530147 Datasheet
47Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase, Manual Reset, NEMA L6-20, 20A, 240V, 1.83m (6.0) Cord Length
07/27/2021
1301530044 MOLEX-1301530044 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-15, 15A, 120V, 0.61m (2.0) Cord Length
07/28/2021
1301530051 MOLEX-1301530051 Datasheet
47Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase, Manual Reset, NEMA 5-15, 15A, 120V, 1.83m (6.0) Cord Length
07/27/2021
1301530190 MOLEX-1301530190 Datasheet
36Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, NEMA L6-30, 30A, 240V, 1.83m (6.0) Cord Length
03/04/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com