Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1301530115 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301530115
Description  Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Molded NEMA L5-20, 20A, 120V, 0.61m (2.0) Cord Length
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

1301530115 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301530115 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301530115
Status:
Active
Overview:
Ground Fault Circuit Interrupter (GFCI) Products
Description:
Super-Safeway® In-Line Industrial GFCI, Portable, Single Phase, Manual Reset,
Molded NEMA L5-20, 20A, 120V, 0.61m (2.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Product Literature (PDF)
Agency Certification
UL
E66308
General
Product Family
Power Distribution
Series
130153
Enclosure Rating
NEMA 4X
GFCI Reset
Manual
Mounting Style
Portable
Open Neutral Relay
Yes
Overview
Ground Fault Circuit Interrupter (GFCI) Products
Product Literature Order No
987650-7737, 987651-0452
Product Name
Super-Safeway™
Receptacle Type
N/A
Type
GFCI Industrial Duty, Single Phase
UPC
78678889740
Woodhead
Yes
Physical
Cord Diameter
10.67mm (.420")
Cord Grip Body Size
Internal Double C-Clamp
Cord Length
0.61m (2.0')
Feed-Thru
Yes
Flip Lid
No
Material - Housing
Nylon
Net Weight
840.052/g
Number of Receptacles
1
Packaging Type
Bag
Electrical
Cord Type
12/3 SJEOOW
Current - Maximum per Contact
20.0A
GFCI
Yes-In-line
Ground Continuity Monitor
No
NEMA Configuration
NEMA L5-20
Voltage - Maximum
125V
Material Info
Engineering Number
20051-1MLDM
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Relevant
RoHS Phthalates
Not Reviewed
Search Parts in this Series
130153 Series
This document was generated on 01/13/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301530115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530110 MOLEX1-1301530110 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset
1301530111 MOLEX11-1301530111 Datasheet
48Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase
1301530111 MOLEX1-1301530111_17 Datasheet
48Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase, Manual Reset
1301530112 MOLEX1-1301530112 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset,Plug, 1533 Receptacle, 20A, 120V, 0.61m (2.0) Cord Length
1301530113 MOLEX1-1301530113 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, 1433 Plug, 1533 Receptacle, 20A, 120V, 0.61m (2.0) Cord Length
More results

Similar Description - 1301530115

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301530166 MOLEX-1301530166 Datasheet
36Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, Molded NEMA L5-30, 30A, 120V, 0.61m (2.0) Cord Length
07/28/2021
1301530044 MOLEX-1301530044 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-15, 15A, 120V, 0.61m (2.0) Cord Length
07/28/2021
1301530158 MOLEX1-1301530158 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Molded NEMA L6-20 Plug & Connector, 20A, 240V, 0.61m (2.0) Cord Length
1301530126 MOLEX1-1301530126 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA 5-20 Plug, NEMA 5-20 Receptacle, Watertight, 20A, 120V, 0.61m (2.0) Cord length
1301530109 MOLEX-1301530109 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset, Flying Leads, 20A, 120V, 0.61m (2.0) Cord Length
07/04/2022
1301530113 MOLEX1-1301530113 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, 1433 Plug, 1533 Receptacle, 20A, 120V, 0.61m (2.0) Cord Length
1301530156 MOLEX1-1301530156 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, NEMA L6-20 Plug & Connector, 20A, 240V, 0.61m (2.0) Cord Length
1301530154 MOLEX1-1301530154 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset, Flying Leads, 20A, 240V, 0.61m (2.0) Cord Length
1301530121 MOLEX1-1301530121 Datasheet
33Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Manual Reset,NEMA 5-20, 20A, 120V, 1.83m (6.0) Cord Length
1301530112 MOLEX1-1301530112 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase, Automatic Reset,Plug, 1533 Receptacle, 20A, 120V, 0.61m (2.0) Cord Length
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com