Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11W161-801 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 11W161-801
Description  Crimping Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

11W161-801 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  11W161-801 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 11W161-801 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 11W161-801 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data Sheet
Crimping Tool
11W161-8XX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel. : +49 8684 18-0
Email : info@rosenberger.de
Page
1 / 3
Remarks
max. 500 pce on reel
Packing
Standard
1 pce in box
Weight
680 g
f


Similar Part No. - 11W161-801

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
11W102-000 ROSENBERGER-11W102-000 Datasheet
31Kb / 1P
   EXTRACTION TOOL
11W115-000 ROSENBERGER-11W115-000 Datasheet
28Kb / 1P
   DISTANCE GAUGE
11W150-000 ROSENBERGER-11W150-000 Datasheet
41Kb / 2P
   RIGHT ANGLE PLUG
11W150-000 ROSENBERGER-11W150-000 Datasheet
40Kb / 2P
   STRAIGHT PLUG
11W150-000 ROSENBERGER-11W150-000 Datasheet
41Kb / 2P
   BULKHEAD JACK
More results

Similar Description - 11W161-801

ManufacturerPart #DatasheetDescription
logo
Weidmuller
9028770000 WEIDMULLER-9028770000 Datasheet
60Kb / 2P
   Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028780000 WEIDMULLER-9028780000 Datasheet
60Kb / 2P
   Assortment crimping tool, Crimping tool: STRIPAX-Plus
September 28, 2021
9028790000 WEIDMULLER-9028790000 Datasheet
60Kb / 2P
   Assortment crimping tool, Crimping tool: STRIPAX Plus
September 28, 2021
9028740000 WEIDMULLER-9028740000 Datasheet
62Kb / 2P
   Assortment crimping tool, Crimping tool: PZ 6/5
September 28, 2021
logo
List of Unclassifed Man...
WC-160 ETC2-WC-160 Datasheet
23Kb / 1P
   Hand crimping tool
logo
Pasternack Enterprises,...
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
   COAXIAL CRIMPING TOOL
logo
List of Unclassifed Man...
HT-225D ETC2-HT-225D Datasheet
23Kb / 1P
   Ratchet Crimping Tool
WC-110 ETC2-WC-110 Datasheet
240Kb / 2P
   Hand crimping tool
WC260PFLAP ETC1-WC260PFLAP Datasheet
227Kb / 2P
   Hand crimping tool
logo
Molex Electronics Ltd.
ATS-192940008 MOLEX-ATS-192940008 Datasheet
112Kb / 2P
   Manual Crimping Tool
09-22-09
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com