Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4050WG5.0RLQV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM4050WG5.0RLQV
Description  Precision Micropower Shunt Voltage Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4050WG5.0RLQV Datasheet(HTML) 1 Page - Texas Instruments

  LM4050WG5.0RLQV Datasheet HTML 1Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 2Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 3Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 4Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 5Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 6Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 7Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 8Page - Texas Instruments LM4050WG5.0RLQV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
2
3
10
9
8
4
5
7
6
GND or N/C
GND or N/C
GND or N/C
GND or N/C
GND or N/C
GND or N/C
GND or N/C
GND or N/C
GND
VREF
LM4050QML
www.ti.com
SNVS627G – JUNE 2010 – REVISED JULY 2013
LM4050QML Precision Micropower Shunt Voltage Reference
Check for Samples: LM4050QML
1
FEATURES
APPLICATIONS
2
Low Dose Rate Qualified 100 krad(Si)
Control Systems
SEFI Immune
Data Acquisition Systems
SET Immune with 60
μF CLOAD
Instrumentation
CLOAD 0μF to 100μF
Process Control
Fixed Reverse Breakdown Voltage of 2.500V,
Energy Management
5.000V
DESCRIPTION
KEY SPECIFICATIONS
The LM4050QML precision voltage reference is
available in a 10-Lead Ceramic CLGA package. The
LM4050-2.5QML
LM4050QML's design eliminates the need for an
Output Voltage Tolerance IR = 100
μA ±0.1%
external stabilizing capacitor while ensuring stability
@ 25°C
with a capacitive load, thus making the LM4050QML
easy to use. The LM4050-2.5QML has a 60
μA
Low Temperature Coefficient 15 ppm/°C
minimum and 15 mA maximum operating current.
Low Output Noise 50
μVrms(typ)
The LM4050-5.0QML has a 74
μA minimum and
Wide Operating Current Range 60
μA to
15 mA maximum operating current.
15 mA
The LM4050QML utilizes fuse and zener-zap reverse
LM4050-5.0QML
breakdown voltage trim during wafer sort to ensure
Output Voltage Tolerance IR = 100
μA ±0.1%
that the prime parts have an accuracy of better than
@ 25°C
±0.1% at 25°C. Bandgap reference temperature drift
curvature correction and low dynamic impedance
Low Temperature Coefficient 23 ppm/°C
ensure stable reverse breakdown voltage accuracy
Low Output Noise 100
μVrms(typ)
over a wide range of operating temperatures and
Wide Operating Current Range 74
μA to
currents.
15 mA
The LM4050QML operates over the temperature
range of -55°C to +125°C.
Connection Diagram
Figure 1. 10-Lead Ceramic CFP, Top View
See NAC0010A Package
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM4050WG5.0RLQV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4050WG5.0RLQV TI1-LM4050WG5.0RLQV Datasheet
284Kb / 19P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4050WG5.0RLQV TI1-LM4050WG5.0RLQV Datasheet
451Kb / 18P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
More results

Similar Description - LM4050WG5.0RLQV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041C TI-LM4041C Datasheet
509Kb / 24P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
National Semiconductor ...
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
   Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4040-N TI1-LM4040-N Datasheet
1Mb / 33P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040A10 TI1-LM4040A10_15 Datasheet
1Mb / 53P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_15 Datasheet
1Mb / 67P
[Old version datasheet]   Precision Micropower Shunt Voltage Reference
LM4041 TI-LM4041_15 Datasheet
1Mb / 30P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_10 Datasheet
709Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040 TI-LM4040_08 Datasheet
717Kb / 51P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4040C25-EP TI1-LM4040C25-EP Datasheet
569Kb / 12P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
TL4050A10 TI1-TL4050A10 Datasheet
719Kb / 37P
[Old version datasheet]   PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com