Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11W15A-506 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 11W15A-506
Description  CRIMP INSERT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

11W15A-506 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  11W15A-506 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
CRIMP INSERT
11W15A-5XX
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 1
All dimensions are in mm; tolerances according to ISO 2768 m-H
Tooling
Crimping tool
11W150-000
Packing
Standard
1 pce in bag
Order-No.
Cable type
a
b
c
d
Weight (g/pce)
11W15A-502 RG 316 /U, RG 174 A/U, RG 188 A/U, RG 179 B/U, RG 187 A/U
3.30
1.20
1.5
3.0
64.8
11W15A-504 RG 180 B/U, 2YCY 0.4/2.5, RG 195 A/U, TZC 75024
4.30
1.10
1.5
4.5
64.2
11W15A-506 RG 141 A/U, RG 58 C/U, 2YCCY 0.4/2.5, 2Y(ms) CY 0.4/2.5
5.35
1.10
1.5
4.5
63.8
11W15A-508 RG 223 /U, RG 400 /U, RG 142 B/U
5.50
1.10
1.5
4.5
63.5
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
J. Krautenbacher
19/10
Krautenbacher J.
19.07.12
c00
12-0002
J_Krautenb.
19.07.12
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 11W15A-506

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
11W150-000 ROSENBERGER-11W150-000 Datasheet
41Kb / 2P
   RIGHT ANGLE PLUG
11W150-000 ROSENBERGER-11W150-000 Datasheet
40Kb / 2P
   STRAIGHT PLUG
11W150-000 ROSENBERGER-11W150-000 Datasheet
41Kb / 2P
   BULKHEAD JACK
11W150-000 ROSENBERGER-11W150-000 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
11W150-000 ROSENBERGER-11W150-000 Datasheet
42Kb / 2P
   RIGHT ANGLE JACK
More results

Similar Description - 11W15A-506

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
11W150-401 ROSENBERGER-11W150-401 Datasheet
56Kb / 1P
   CRIMP INSERT
11W150-204 ROSENBERGER-11W150-204 Datasheet
36Kb / 1P
   CRIMP INSERT
11W15F-5E4 ROSENBERGER-11W15F-5E4 Datasheet
683Kb / 1P
   CRIMP INSERT
11W15D-102 ROSENBERGER-11W15D-102 Datasheet
106Kb / 1P
   CRIMP INSERT
11W150-302 ROSENBERGER-11W150-302 Datasheet
90Kb / 1P
   CRIMP INSERT
11W150-502 ROSENBERGER-11W150-502 Datasheet
61Kb / 1P
   CRIMP INSERT
11W150-101 ROSENBERGER-11W150-101 Datasheet
38Kb / 1P
   CRIMP INSERT
logo
HARTING Technology Grou...
09-33-010-2602 HARTING-09-33-010-2602 Datasheet
461Kb / 2P
   Han 10E insert male crimp
09-33-010-2702 HARTING-09-33-010-2702 Datasheet
461Kb / 2P
   Han 10E insert female crimp
09-33-016-2702 HARTING-09-33-016-2702 Datasheet
467Kb / 2P
   Han 16E Insert Female Crimp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com