Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA230 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA230
Description  High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA230 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA230_17 Datasheet HTML 13Page - Texas Instruments INA230_17 Datasheet HTML 14Page - Texas Instruments INA230_17 Datasheet HTML 15Page - Texas Instruments INA230_17 Datasheet HTML 16Page - Texas Instruments INA230_17 Datasheet HTML 17Page - Texas Instruments INA230_17 Datasheet HTML 18Page - Texas Instruments INA230_17 Datasheet HTML 19Page - Texas Instruments INA230_17 Datasheet HTML 20Page - Texas Instruments INA230_17 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Current
BusVoltage
20,000
·
Power =
Corrected_Full_Scale_Cal = trunc
Cal
MeasShuntCurrent
INA230_Current
´
INA230
www.ti.com
SBOS601
– FEBRUARY 2012
The Power register (03h) is then calculated by multiplying the decimal value of the Current register, 10000, by
the decimal value of the Bus Voltage register, 9584, and then dividing by 20,000, as defined in Equation 4. For
this example, the result for the Power register is 12B8h, or a decimal equivalent of 4792. Multiplying this result by
the power LSB (25 times the [1
× 10–3 Current_LSB]) results in a power calculation of (4792 × 25 mW/bit), or
119.8 W. The Power register LSB has a fixed ratio to the Current register LSB of 25 W/bit to 1 A/bit. For this
example, a programmed Current register LSB of 1 mA/bit results in a Power register LSB of 25 mW/bit. This ratio
is internally programmed to ensure that the scaling of the power calculation is within an acceptable range. A
manual calculation for the power being delivered to the load would use a bus voltage of 11.98 V (12VCM – 20 mV
shunt drop) multiplied by the load current of 10 A to give a result of 119.8 W.
(4)
Table 1 shows the steps for configuring, measuring, and calculating the values for current and power for this
device.
Table 1. Configure/Measure/Calculate Example(1)
STEP #
REGISTER NAME
ADDRESS
CONTENTS
DEC
LSB
VALUE
Step 1
Configuration
00h
4127h
Step 2
Shunt
01h
1F40h
8000
2.5
µV
20m V
Step 3
Bus
02h
2570h
9584
1.25 mV
11.98 V
Step 4
Calibration
05h
A00h
2560
Step 5
Current
04h
2710
10000
1 mA
10 A
Step 6
Power
03h
12B8h
4792
25 mW
119.8 W
(1)
Conditions: Load = 10 A, VCM = 12 V, RSHUNT = 2 mΩ, and VBUS =11.98 V.
PROGRAMMING THE INA230 POWER MEASUREMENT ENGINE
Calibration Register and Scaling
The Calibration register makes it possible to set the scaling of the Current and Power registers to the values that
are most useful for a given application. One strategy may be to set the Calibration register so that the largest
possible number is generated in the Current register or Power register at the expected full-scale point. This
approach yields the highest resolution based on the previously calculated minimum Current_LSB in the equation
for the Calibration register (Equation 1). The Calibration register can also be selected to provide values in the
Current and Power registers that either provide direct decimal equivalents of the values being measured, or yield
a round LSB value for each corresponding register. After these choices have been made, the Calibration register
also offers possibilities for end-user, system-level calibration. By physically measuring the current with an
external ammeter, the exact current is known. The value of the Calibration register can then be adjusted based
on the measured current result of the INA230 to cancel the total system error, as shown in Equation 5.
(5)
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): INA230


Similar Part No. - INA230_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
More results

Similar Description - INA230_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI-INA230_15 Datasheet
734Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C??Interface
INA231 TI-INA231 Datasheet
448Kb / 32P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI-INA231_15 Datasheet
955Kb / 36P
[Old version datasheet]   High- or Low-Side Measurement,Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C??Interface
INA231 TI1-INA231_17 Datasheet
1,021Kb / 37P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with 1.8-V I2C Interface
INA231 TI1-INA231_18 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA231_017 TI1-INA231_017 Datasheet
1Mb / 44P
[Old version datasheet]   High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
INA226AIDGST TI-INA226AIDGST Datasheet
961Kb / 33P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
INA226AIDGSR TI1-INA226AIDGSR Datasheet
988Kb / 32P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C??Interface
INA226 TI1-INA226 Datasheet
447Kb / 30P
[Old version datasheet]   High-or Low-Side Measurement, Bi-Directional CURRENT/POWER MONITOR with I2C Interface
JUNE2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com