Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCPA10512 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DCPA10512
Description  Series 1-W, Isolated, Unregulated DC/DC Converter Modules
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DCPA10512 Datasheet(HTML) 2 Page - Texas Instruments

  DCPA10512 Datasheet HTML 1Page - Texas Instruments DCPA10512 Datasheet HTML 2Page - Texas Instruments DCPA10512 Datasheet HTML 3Page - Texas Instruments DCPA10512 Datasheet HTML 4Page - Texas Instruments DCPA10512 Datasheet HTML 5Page - Texas Instruments DCPA10512 Datasheet HTML 6Page - Texas Instruments DCPA10512 Datasheet HTML 7Page - Texas Instruments DCPA10512 Datasheet HTML 8Page - Texas Instruments DCPA10512 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
2
DCPA10505, DCPA10505D
DCPA10512, DCPA10512D
DCPA10515, DCPA10515D
SBVS276 – APRIL 2017
www.ti.com
Product Folder Links: DCPA10505 DCPA10505D DCPA10512 DCPA10512D DCPA10515 DCPA10515D
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings ............................................................ 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Electrical Characteristics........................................... 4
6.5
Switching Characteristics .......................................... 6
6.6
Typical Characteristics (DCPA10505) ...................... 7
6.7
Typical Characteristics (DCPA10512) ...................... 8
6.8
Typical Characteristics (DCPA10515) ...................... 9
6.9
Typical Characteristics (DCPA10505D) .................. 10
6.10
Typical Characteristics (DCPA10512D) ................ 11
6.11
Typical Characteristics (DCPA10515D) ................ 12
7
Detailed Description ............................................ 13
7.1
Overview ................................................................. 13
7.2
Functional Block Diagrams ..................................... 13
7.3
Feature Description................................................. 14
8
Application and Implementation ........................ 17
8.1
Application Information............................................ 17
8.2
Typical Application ................................................. 18
9
Power Supply Recommendations ...................... 19
10
Layout................................................................... 20
10.1
Layout Guidelines ................................................. 20
10.2
Layout Example .................................................... 20
11
Device and Documentation Support ................. 21
11.1
Device Support .................................................... 21
11.2
Documentation Support ....................................... 21
11.3
Community Resources.......................................... 21
11.4
Related Links ........................................................ 21
11.5
Trademarks ........................................................... 21
11.6
Electrostatic Discharge Caution ............................ 22
11.7
Glossary ................................................................ 22
12
Mechanical, Packaging, and Orderable
Information ........................................................... 22
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
April 2017
*
Initial release.


Similar Part No. - DCPA10512

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DCP-01-X ADAM-TECH-DCP-01-X Datasheet
99Kb / 1P
   D-SUB PLUG CONTACT
DCP-01-X-30 ADAM-TECH-DCP-01-X-30 Datasheet
100Kb / 1P
   D-SUB PLUG CONTACT
logo
SYNERGY MICROWAVE CORPO...
DCP-2A1 SYNERGY-DCP-2A1 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B2 SYNERGY-DCP-2B2 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
DCP-2B3 SYNERGY-DCP-2B3 Datasheet
47Kb / 2P
   POWER DIVIDERS 0쨘 : 3-WAY
More results

Similar Description - DCPA10512

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DCP010505B TI1-DCP010505B Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
DCP020503 TI1-DCP020503_16 Datasheet
1Mb / 28P
[Old version datasheet]   DCP02x 2-W, Isolated, Unregulated DC/DC Converter Modules
logo
Power Systems GmbH+Co.K...
MAUS-0505 POWER-SYSTEMS-MAUS-0505 Datasheet
211Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
MUS-0505 POWER-SYSTEMS-MUS-0505 Datasheet
234Kb / 5P
   DC-DC Converter UNIT 1 W UNREGULATED DC-DC CONVERTER
logo
Microdc power Technolog...
F0303XMD-1W MICRODC-F0303XMD-1W Datasheet
680Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
F-XMD-1W MICRODC-F-XMD-1W Datasheet
1,020Kb / 2P
   3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT DIP8 DC/DC Converter
logo
Texas Instruments
DCP010505B TI1-DCP010505B_15 Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
logo
Burr-Brown (TI)
PWS750 BURR-BROWN-PWS750 Datasheet
143Kb / 11P
   Isolated, Unregulated DC/DC CONVERTER COMPONENTS
logo
Texas Instruments
DCV010505 TI1-DCV010505 Datasheet
408Kb / 19P
[Old version datasheet]   Miniature, 1-W, 1500-Vrms Isolated Unregulated DC-DC Converters
DCH01 TI-DCH01_15 Datasheet
372Kb / 15P
[Old version datasheet]   MINIATURE, 1-W, 3-kV ISOLATED UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com