Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCF2509 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # CDCF2509
Description  3.3-V PHASE-LOCK LOOP CLOCK DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCF2509 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CDCF2509 Datasheet HTML 4Page - Texas Instruments CDCF2509 Datasheet HTML 5Page - Texas Instruments CDCF2509 Datasheet HTML 6Page - Texas Instruments CDCF2509 Datasheet HTML 7Page - Texas Instruments CDCF2509 Datasheet HTML 8Page - Texas Instruments CDCF2509 Datasheet HTML 9Page - Texas Instruments CDCF2509 Datasheet HTML 10Page - Texas Instruments CDCF2509 Datasheet HTML 11Page - Texas Instruments CDCF2509 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
CDCF2509
3.3V PHASELOCK LOOP CLOCK DRIVER
SCAS624C − APRIL 1999 − REVISED DECEMBER 2004
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 6
STATIC PHASE ERROR
vs
CLOCK FREQUENCY
50
60
70
80
90
100 110
120
fc − Clock Frequency − MHz
−100
−150
−250
−300
−350
−400
−200
−50
0
−450
−500
VCC = 3.3 V
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Note A
130
140
Figure 7
300
250
200
0
50
60
70
80
90
100 110
120 130 140
150
100
50
Cycle to Cycle
Peak to Peak
fc − Clock Frequency − MHz
VCC = 3.3 V
C(LY) = 25 pF
C(LF) = 12 pF
TA = 25°C
See Notes A and B
JITTER
vs
CLOCK FREQUENCY
NOTES: A. Trace feedback length FBOUT to FBIN = 5 mm, ZO = 50 Ω
B. Phase error measured from CLK to FBIN
C. C(LY) = Lumped capacitive load at Y
D. C(LF) = Lumped feedback capacitance at FBIN
Figure 8
ANALOG SUPPLY CURRENT
vs
CLOCK FREQUENCY
12
10
6
4
2
0
8
10
30
50
70
90
110
130
150
14
16
AVCC = VCC = 3.465 V
Bias = 0/3 V
C(LY) = 25 pF
C(LF) = 0
TA = 25°C
See Notes A and B
fc − Clock Frequency − MHz
Figure 9
SUPPLY CURRENT
vs
CLOCK FREQUENCY
250
150
100
50
0
200
10
30
50
70
90
110
130
150
fc − Clock Frequency − MHz
300
AVCC = VCC = 3.465 V
Bias = 0/3 V
C(LY) = 25 Ff
C(LF) = 0
TA = 25°C
See Notes A and B
NOTES: A. C(LY) = Lumped capacitive load at Y
B. C(LF) = Lumped feedback capacitance at FBIN


Similar Part No. - CDCF2509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCF2509 TI-CDCF2509 Datasheet
139Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509 TI1-CDCF2509 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2509PW TI-CDCF2509PW Datasheet
139Kb / 11P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDCF2509PW TI1-CDCF2509PW Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
CDCF2509PWG4 TI1-CDCF2509PWG4 Datasheet
638Kb / 15P
[Old version datasheet]   3.3V Phase-Lock Loop Clock Driver
More results

Similar Description - CDCF2509

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2510 TI-CDC2510 Datasheet
131Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2510B HITACHI-HD74CDC2510B Datasheet
45Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDCVF2505 TI-CDCVF2505 Datasheet
207Kb / 10P
[Old version datasheet]   3.3-V CLOCK PHASE-LOCK LOOP CLOCK DRIVER
CDC2509 TI-CDC2509 Datasheet
132Kb / 9P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2509C TI-CDC2509C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510B TI-CDC2510B Datasheet
146Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC2510C TI-CDC2510C Datasheet
180Kb / 12P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
CDC509 TI1-CDC509_15 Datasheet
612Kb / 13P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
logo
Hitachi Semiconductor
HD74CDC2509B HITACHI-HD74CDC2509B Datasheet
42Kb / 11P
   3.3-V Phase-lock Loop Clock Driver
logo
Texas Instruments
CDC2509B TI-CDC2509B Datasheet
147Kb / 10P
[Old version datasheet]   3.3-V PHASE-LOCK LOOP CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com