Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RFU630-13105 Datasheet(PDF) 4 Page - SICK AG

Part # RFU630-13105
Description  RFID
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

RFU630-13105 Datasheet(HTML) 4 Page - SICK AG

  RFU630-13105 Datasheet HTML 1Page - SICK AG RFU630-13105 Datasheet HTML 2Page - SICK AG RFU630-13105 Datasheet HTML 3Page - SICK AG RFU630-13105 Datasheet HTML 4Page - SICK AG RFU630-13105 Datasheet HTML 5Page - SICK AG RFU630-13105 Datasheet HTML 6Page - SICK AG RFU630-13105 Datasheet HTML 7Page - SICK AG RFU630-13105 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RFU630-13105 | RFU63x
RFID
Storage temperature
–30 °C ... +70 °C
Permissible relative humidity
± 90 %, Non-condensing
Classifications
ECl@ss 5.0
27280401
ECl@ss 5.1.4
27280401
ECl@ss 6.0
27280401
ECl@ss 6.2
27280401
ECl@ss 7.0
27280401
ECl@ss 8.0
27280401
ECl@ss 8.1
27280401
ECl@ss 9.0
27280401
ETIM 6.0
EC002998
UNSPSC 16.0901
52161523
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - RFU630-13105

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
   RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
   RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
   RFID
More results

Similar Description - RFU630-13105

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
   RFID
RFU620-10501 SICK-RFU620-10501 Datasheet
1Mb / 7P
   RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
   RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
   RFID
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
   RFID
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
   RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
   RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
   RFID
RFU650-10100 SICK-RFU650-10100 Datasheet
872Kb / 7P
   RFID
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
   RFID
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com