Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1062604 Datasheet(PDF) 2 Page - SICK AG

Part # 1062604
Description  RFID
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1062604 Datasheet(HTML) 2 Page - SICK AG

  1062604 Datasheet HTML 1Page - SICK AG 1062604 Datasheet HTML 2Page - SICK AG 1062604 Datasheet HTML 3Page - SICK AG 1062604 Datasheet HTML 4Page - SICK AG 1062604 Datasheet HTML 5Page - SICK AG 1062604 Datasheet HTML 6Page - SICK AG 1062604 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
RFU620-10501 | RFU62x
RFID
Ordering information
Type
Part no.
RFU620-10501
1062604
Other models and accessories
www.sick.com/RFU62x
Detailed technical data
Features
Version
Mid Range
Product category
Write/read device with integrated antenna
Radio approval
USA (FCC Part 15.247)
Canada (RSS-210)
México (NOM-121)
Frequency band
UHF (860 MHz ... 960 MHz)
Carrier frequency
902.75 MHz ... 927.25 MHz
Output power
0.32 W (EIRP, 25 dBm)
RFID standard
EPCglobal UHF Class 1 Generation 2, ISO/IEC 18000-6 C
Modulation
PR-ASK
Connection type
PoE
MTBF
23 years
Heating
No
Scanning range
Max. 1 m 1)
Antenna
Integrated (circular polarized, axial ration typ. 3 dB, 100° field opening, front to back ratio >
7 dB)
Service functions
Parameter cloning with integrated microSD memory card slot or externally via CMC module in
CDB620
Further functions
Cloning function (microSD memory card or system), diagnosis, updatable firmware, freely pro-
grammable data output format, Heartbeat, triggering, SICK AppSpace functionalities can be
enabled with the SD card accessory SDK6U-P00100
1) Depending on transponder used and ambient conditions.
Interfaces
Ethernet
✔, TCP/IP
Function Host, AUX, PoE
Data transmission rate 10/100 MBit/s
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - 1062604

ManufacturerPart #DatasheetDescription
logo
SICK AG
1062600 SICK-1062600 Datasheet
1Mb / 8P
   RFID
1062602 SICK-1062602 Datasheet
1Mb / 8P
   RFID
1062603 SICK-1062603 Datasheet
1Mb / 8P
   RFID
More results

Similar Description - 1062604

ManufacturerPart #DatasheetDescription
logo
SICK AG
RFH620-1000001 SICK-RFH620-1000001 Datasheet
936Kb / 6P
   RFID
RFU630-13105 SICK-RFU630-13105 Datasheet
1Mb / 8P
   RFID
RFU630-04101 SICK-RFU630-04101 Datasheet
1Mb / 7P
   RFID
RFH630-1102101 SICK-RFH630-1102101 Datasheet
1Mb / 7P
   RFID
RFU620-10101 SICK-RFU620-10101 Datasheet
1Mb / 8P
   RFID
RFU630-13100 SICK-RFU630-13100 Datasheet
1Mb / 8P
   RFID
RFU630-13101 SICK-RFU630-13101 Datasheet
1Mb / 8P
   RFID
RFU630-13107 SICK-RFU630-13107 Datasheet
1Mb / 8P
   RFID
RFU650-10100 SICK-RFU650-10100 Datasheet
872Kb / 7P
   RFID
RFH620-1001201 SICK-RFH620-1001201 Datasheet
1Mb / 6P
   RFID
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com