Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6054544 Datasheet(PDF) 4 Page - SICK AG

Part # 6054544
Description  HAND-HELD SCANNERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6054544 Datasheet(HTML) 4 Page - SICK AG

  6054544 Datasheet HTML 1Page - SICK AG 6054544 Datasheet HTML 2Page - SICK AG 6054544 Datasheet HTML 3Page - SICK AG 6054544 Datasheet HTML 4Page - SICK AG 6054544 Datasheet HTML 5Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
IDM160-300S | IDM16x
HAND-HELD SCANNERS
Reading field diagram
IDM14x-3xxS Standard Range IDM16x-3xxS Standard Range
0
200
(7.87)
600
(23.62)
400
(11.81)
800
(23.62)
UPC | EAN: 0.33 (13.0 mil)
Code 39: 0.5 (19.7 mil)
Code resolution in mm (mil)
Reading distance in mm (inch)
Recommended accessories
Other models and accessories
www.sick.com/IDM16x
Brief description
Type
Part no.
Other mounting accessories
Tripod mount
Stand mount
6045193
Desk holder
Table mount
6045192
Power supply units and power supply cables
Power supply, input AC 100 ... 240 V, output DC 5 V/2 A (necessary when using RS-232
TTL cable, does not fulfill medical standard EN 60601/ IEC 60601))
Power supply unit
6036722
Plug connectors and cables
Head A: male connector, USB-A
Head B: male connector, RJ45
Cable: USB, unshielded, 1.8 m
For keyboard wedge or USB Com Port Emulation
Connection cable
6045195
4
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - 6054544

ManufacturerPart #DatasheetDescription
logo
SICK AG
6054541 SICK-6054541 Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
More results

Similar Description - 6054544

ManufacturerPart #DatasheetDescription
logo
SICK AG
IDM140-2PDF01D SICK-IDM140-2PDF01D Datasheet
654Kb / 5P
   HAND-HELD SCANNERS
IDM120-3PDF01B SICK-IDM120-3PDF01B Datasheet
775Kb / 5P
   HAND-HELD SCANNERS
IDM140-2BT SICK-IDM140-2BT Datasheet
747Kb / 5P
   HAND-HELD SCANNERS
IDM162-300S SICK-IDM162-300S Datasheet
787Kb / 5P
   HAND-HELD SCANNERS
IDM161-300S SICK-IDM161-300S Datasheet
785Kb / 5P
   HAND-HELD SCANNERS
IDM120-301B SICK-IDM120-301B Datasheet
774Kb / 5P
   HAND-HELD SCANNERS
IDM140-310S SICK-IDM140-310S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
IDM140-300S SICK-IDM140-300S Datasheet
781Kb / 5P
   HAND-HELD SCANNERS
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
logo
Glenair, Inc.
600-076 GLENAIR-600-076 Datasheet
217Kb / 1P
   Hand Held Torque Wrenches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com