Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF18N60M2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STF18N60M2
Description  Low gate input resistance
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF18N60M2 Datasheet(HTML) 5 Page - STMicroelectronics

  STF18N60M2 Datasheet HTML 1Page - STMicroelectronics STF18N60M2 Datasheet HTML 2Page - STMicroelectronics STF18N60M2 Datasheet HTML 3Page - STMicroelectronics STF18N60M2 Datasheet HTML 4Page - STMicroelectronics STF18N60M2 Datasheet HTML 5Page - STMicroelectronics STF18N60M2 Datasheet HTML 6Page - STMicroelectronics STF18N60M2 Datasheet HTML 7Page - STMicroelectronics STF18N60M2 Datasheet HTML 8Page - STMicroelectronics STF18N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID024729 Rev 3
5/13
STF18N60M2
Electrical characteristics
Table 8. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
SD
Source-drain current
-
13
A
I
SDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
52
A
V
SD
(2)
2.
Pulsed: pulse duration = 300 μs, duty cycle 1.5%
Forward on voltage
I
SD
= 13 A, V
GS
= 0
-
1.6
V
t
rr
Reverse recovery time
I
SD
= 13 A, di/dt = 100 A/μs
V
DD
= 60 V (see
Figure 16)
-305
ns
Q
rr
Reverse recovery charge
-
3.3
μC
I
RRM
Reverse recovery current
-
22
A
t
rr
Reverse recovery time
I
SD
= 13 A, di/dt = 100 A/μs
V
DD
= 60 V, T
j
= 150 °C
(see
Figure 16)
-417
ns
Q
rr
Reverse recovery charge
-
4.6
μC
I
RRM
Reverse recovery current
-
22
A


Similar Part No. - STF18N60M2

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF18N60M2 ISC-STF18N60M2 Datasheet
188Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF18N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD26P3LLH6 STMICROELECTRONICS-STD26P3LLH6 Datasheet
987Kb / 16P
   Low gate input resistance
February 2014 Rev 5
logo
Diodes Incorporated
DMJ7N70SK3 DIODES-DMJ7N70SK3 Datasheet
288Kb / 6P
   Low Gate Input Resistance
logo
STMicroelectronics
STB18N60M2 STMICROELECTRONICS-STB18N60M2 Datasheet
1Mb / 21P
   Low gate input resistance
February 2014 Rev 2
STB34NM60N STMICROELECTRONICS-STB34NM60N Datasheet
1Mb / 17P
   Low gate input resistance
March 2015 Rev 9
STF13N60M2 STMICROELECTRONICS-STF13N60M2 Datasheet
1Mb / 14P
   Low gate input resistance
March 2014 Rev 4
STL22N65M5 STMICROELECTRONICS-STL22N65M5 Datasheet
1Mb / 17P
   Low gate input resistance
February 2013 Rev 2
STL13N60M2 STMICROELECTRONICS-STL13N60M2 Datasheet
1Mb / 16P
   Low gate input resistance
June 2014 Rev 2
STB13NM60N STMICROELECTRONICS-STB13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
STF13NM06N-H STMICROELECTRONICS-STF13NM06N-H Datasheet
787Kb / 13P
   Low gate input resistance
January 2010 Rev 1
STL34N65M5 STMICROELECTRONICS-STL34N65M5 Datasheet
1Mb / 15P
   Low gate input resistance
April 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com