Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN1114 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # RN1114
Description  Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

RN1114 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  RN1114 Datasheet HTML 1Page - Toshiba Semiconductor RN1114 Datasheet HTML 2Page - Toshiba Semiconductor RN1114 Datasheet HTML 3Page - Toshiba Semiconductor RN1114 Datasheet HTML 4Page - Toshiba Semiconductor RN1114 Datasheet HTML 5Page - Toshiba Semiconductor RN1114 Datasheet HTML 6Page - Toshiba Semiconductor RN1114 Datasheet HTML 7Page - Toshiba Semiconductor RN1114 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
RN1114~RN1118
2001-06-07
2
Electrical Characteristics (Ta = 25
°°°°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
RN1114~1118
ICBO
VCB = 50V, IE = 0
100
nA
Collector cut-off current
RN1114~1118
ICEO
VCE = 50V, IB = 0
500
nA
RN1114
VEB = 5V, IC = 0
0.35
0.65
RN1115
VEB = 6V, IC = 0
0.37
0.71
RN1116
VEB = 7V, IC = 0
0.36
0.68
RN1117
VEB = 15V, IC = 0
0.78
1.46
Emitter cut-off current
RN1118
IEBO
VEB = 25V, IC = 0
0.33
0.63
mA
RN1114~16, 18
50
DC current gain
RN1117
hFE
VCE = 5V, IC = 10mA
30
Collector-emitter
saturation voltage
RN1114~1118
VCE (sat)
IC = 5mA, IB = 0.25mA
0.1
0.3
V
RN1114
0.6
2.0
RN1115
0.7
2.5
RN1116
0.8
2.5
RN1117
1.5
3.5
Input voltage (ON)
RN1118
VI (ON)
VCE = 0.2V, IC = 5mA
2.5
10.0
V
RN1114
0.3
0.9
RN1115
0.3
1.0
RN1116
0.3
1.1
RN1117
0.3
2.3
Input voltage (OFF)
RN1118
VI (OFF)
VCE = 5V, IC = 0.1mA
0.5
5.7
V
Translation Frequency
RN1114~1118
fT
VCE = 10V, IC = 5mA
250
MHz
Collector output
capacitance
RN1114~1118
Cob
VCB = 10V, IE = 0,
f = 1MHz
3.0
6.0
pF
RN1114
0.7
1.0
1.3
RN1115
1.54
2.2
2.86
RN1116
3.29
4.7
6.11
RN1117
7.0
10.0
13.0
Input Resistor
RN1118
R1
32.9
47.0
61.1
kΩ
RN1114
0.1
RN1115
0.22
RN1116
0.47
RN1117
2.13
Resistor Ratio
RN1118
R1/R2
4.7


Similar Part No. - RN1114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN1114 TOSHIBA-RN1114 Datasheet
202Kb / 8P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1114MFV TOSHIBA-RN1114MFV Datasheet
786Kb / 8P
   TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT Process) (Bias Resistor built-in Transistor)
2020-11-17
RN1114 TOSHIBA-RN1114_07 Datasheet
202Kb / 8P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
More results

Similar Description - RN1114

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN47A3 TOSHIBA-RN47A3_07 Datasheet
284Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications
RN1410 TOSHIBA-RN1410_07 Datasheet
260Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1210 TOSHIBA-RN1210_07 Datasheet
252Kb / 4P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com