Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDM425-10234094S01 Datasheet(PDF) 3 Page - SICK AG

Part # CDM425-10234094S01
Description  CONNECTIVITY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CDM425-10234094S01 Datasheet(HTML) 3 Page - SICK AG

  CDM425-10234094S01 Datasheet HTML 1Page - SICK AG CDM425-10234094S01 Datasheet HTML 2Page - SICK AG CDM425-10234094S01 Datasheet HTML 3Page - SICK AG CDM425-10234094S01 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDM425-10234094S01 | CDM
CONNECTIVITY
Scanner connection
15-pin D-Sub HD female connector
Service plug
9-pin D-Sub plug (internal)
1) When using a standard connection cable for scanners by SICK.
Ambient data
Ambient operating temperature
–35 °C ... +40 °C
Storage temperature
–35 °C ... +70 °C
Permissible relative humidity
± 90 %, Non-condensing
Classifications
ECl@ss 5.0
27242208
ECl@ss 5.1.4
27242608
ECl@ss 6.0
27242608
ECl@ss 6.2
27242608
ECl@ss 7.0
27242608
ECl@ss 8.0
27242608
ECl@ss 8.1
27242608
ECl@ss 9.0
27242608
ETIM 5.0
EC001604
ETIM 6.0
EC001604
UNSPSC 16.0901
32151705
Recommended accessories
Other models and accessories
www.sick.com/CDM
Brief description
Type
Part no.
Plug connectors and cables
Head A: female connector, D-Sub, 9-pin, straight
Head B: female connector, D-Sub, 9-pin, straight
Cable: serial, unshielded, 3 m
For PC connection
Data connection
cable (RS-232) to PC
2014054
Head A: female connector, M12, 17-pin, straight
Head B: male connector, D-Sub-HD, 15-pin, straight
Cable: Power, serial, CAN, digital I/Os, shielded, 3 m
Connection cable
(male connector -
female connector)
2055420
2017-05-12 06:56:32 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - CDM425-10234094S01

ManufacturerPart #DatasheetDescription
logo
SICK AG
CDM425-10234094 SICK-CDM425-10234094 Datasheet
475Kb / 4P
   CONNECTIVITY
More results

Similar Description - CDM425-10234094S01

ManufacturerPart #DatasheetDescription
logo
SICK AG
CDM490-0101 SICK-CDM490-0101 Datasheet
544Kb / 4P
   CONNECTIVITY
CDM420-0007 SICK-CDM420-0007 Datasheet
639Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
CDM410-0001 SICK-CDM410-0001 Datasheet
437Kb / 4P
   CONNECTIVITY
CDM420-0101 SICK-CDM420-0101 Datasheet
705Kb / 4P
   CONNECTIVITY
CDM420-0105 SICK-CDM420-0105 Datasheet
547Kb / 4P
   CONNECTIVITY
CDB620-201 SICK-CDB620-201 Datasheet
729Kb / 5P
   CONNECTIVITY
CDB650-204 SICK-CDB650-204 Datasheet
651Kb / 5P
   CONNECTIVITY
CDM425-10234094 SICK-CDM425-10234094 Datasheet
475Kb / 4P
   CONNECTIVITY
CDB620-101 SICK-CDB620-101 Datasheet
717Kb / 5P
   CONNECTIVITY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com