Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF15N60M2-EP Datasheet(PDF) 2 Page - STMicroelectronics

Part # STF15N60M2-EP
Description  Extremely low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF15N60M2-EP Datasheet(HTML) 2 Page - STMicroelectronics

  STF15N60M2-EP Datasheet HTML 1Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 2Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 3Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 4Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 5Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 6Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 7Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 8Page - STMicroelectronics STF15N60M2-EP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Contents
STF15N60M2-EP, STFI15N60M2-EP
2/15
DocID027373 Rev 1
Contents
1
Electrical ratings ............................................................................. 3
2
Electrical characteristics ................................................................ 4
2.1
Electrical characteristics (curves)...................................................... 6
3
Test circuits ..................................................................................... 8
4
Package mechanical data ............................................................... 9
4.1
TO-220FP package information ...................................................... 10
4.2
I²PAKFP (TO-281) package information ......................................... 12
5
Revision history ............................................................................ 14


Similar Part No. - STF15N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
logo
Inchange Semiconductor ...
STF15N65M5 ISC-STF15N65M5 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STF15N60M2-EP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com