Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1048488 Datasheet(PDF) 2 Page - SICK AG

Part # 1048488
Description  CONNECTIVITY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1048488 Datasheet(HTML) 2 Page - SICK AG

  1048488 Datasheet HTML 1Page - SICK AG 1048488 Datasheet HTML 2Page - SICK AG 1048488 Datasheet HTML 3Page - SICK AG 1048488 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CDM425-00034094 | CDM
CONNECTIVITY
Illustration may differ
Ordering information
Type
Part no.
CDM425-00034094
1048488
Other models and accessories
www.sick.com/CDM
Detailed technical data
Features
Brief description
Modular connection module for one sensor, additional M12 socket for PROFINET on face plate
Supported products
CLV42x, CLV43x, CLV44x, CLV45x, CLV62x, CLV63x, CLV64x, CLV65x, ICR84x-2, ICR85x-2,
RFH620
Cloning module support (CMC)
No
Supports display module (CMD)
No
Supports power supply module (CMP)
No
Supports fieldbus gateway (CMF)
No
Interfaces
Serial
✔, RS-232, RS-422, RS-485
Remark Depending on sensor connected
CAN
Remark Depending on sensor connected
Switching inputs
Depending on sensor connected
Switching outputs
Depending on sensor connected
Optical indicators
4 LED (Status and error display)
Configuration software
SOPAS ET
Mechanics/electronics
Power consumption
Power consumption of the gateway + 3.5 W and of the sensor + 1 W
Housing
Polycarbonat
Housing color
Blue (RAL 5012)
Enclosure rating
IP65 (DIN 40 050) 1)
Protection class
III
Weight
1,100 g
Dimensions (L x W x H)
192 mm x 167 mm x 70 mm
1) When using a standard connection cable for scanners by SICK.
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - 1048488

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10484 ETC-10484 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10484 HEYCO-10484 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
SICK AG
1048418 SICK-1048418 Datasheet
1Mb / 6P
   MID RANGE DISTANCE SENSORS
1048419 SICK-1048419 Datasheet
1Mb / 6P
   MID RANGE DISTANCE SENSORS
1048437 SICK-1048437 Datasheet
1Mb / 6P
   INDUCTIVE PROXIMITY SENSORS
More results

Similar Description - 1048488

ManufacturerPart #DatasheetDescription
logo
SICK AG
CDM490-0101 SICK-CDM490-0101 Datasheet
544Kb / 4P
   CONNECTIVITY
CDM420-0007 SICK-CDM420-0007 Datasheet
639Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
CDM410-0001 SICK-CDM410-0001 Datasheet
437Kb / 4P
   CONNECTIVITY
CDM420-0101 SICK-CDM420-0101 Datasheet
705Kb / 4P
   CONNECTIVITY
CDM420-0105 SICK-CDM420-0105 Datasheet
547Kb / 4P
   CONNECTIVITY
CDB620-201 SICK-CDB620-201 Datasheet
729Kb / 5P
   CONNECTIVITY
CDB650-204 SICK-CDB650-204 Datasheet
651Kb / 5P
   CONNECTIVITY
CDM425-10234094 SICK-CDM425-10234094 Datasheet
475Kb / 4P
   CONNECTIVITY
CDB620-101 SICK-CDB620-101 Datasheet
717Kb / 5P
   CONNECTIVITY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com