Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDM420-0105 Datasheet(PDF) 2 Page - SICK AG

Part # CDM420-0105
Description  CONNECTIVITY
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CDM420-0105 Datasheet(HTML) 2 Page - SICK AG

  CDM420-0105 Datasheet HTML 1Page - SICK AG CDM420-0105 Datasheet HTML 2Page - SICK AG CDM420-0105 Datasheet HTML 3Page - SICK AG CDM420-0105 Datasheet HTML 4Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CDM420-0105 | CDM
CONNECTIVITY
Illustration may differ
Ordering information
Type
Part no.
CDM420-0105
1040002
Other models and accessories
www.sick.com/CDM
Detailed technical data
Features
Brief description
Modular connection module for one sensor with pre-mounted CMF400 PROFIBUS module (In-
terface 9-pin D-sub) and integrated CMC parameter cloning module
Supported products
CLV61x - CLV65x
Cloning module support (CMC)
Yes
Supports display module (CMD)
Yes
Supports power supply module (CMP)
Yes
Supports fieldbus gateway (CMF)
Integrated (PROFIBUS DP)
Interfaces
Ethernet
✔, TCP/IP
Remark Corresponding CMF fieldbus gateway additionally necessary
Serial
✔, RS-232, RS-422, RS-485
Remark Depending on sensor connected
CAN
Remark Depending on sensor connected
PROFIBUS DP
Remark CMF400 PROFIBUS-Gateway already integrated
DeviceNet™
Remark Corresponding CMF fieldbus gateway additionally necessary
Switching inputs
Depending on sensor connected
Switching outputs
Depending on sensor connected
Optical indicators
5 LED
Configuration software
SOPAS ET
Mechanics/electronics
Power consumption
Power consumption of the sensor + 0.5 W
Housing
Polycarbonat
Housing color
Blue (RAL 5012)
1) When using a standard connection cable for scanners by SICK.
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-05-12 06:56:32
Subject to change without notice


Similar Part No. - CDM420-0105

ManufacturerPart #DatasheetDescription
logo
SICK AG
CDM420-0101 SICK-CDM420-0101 Datasheet
705Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
More results

Similar Description - CDM420-0105

ManufacturerPart #DatasheetDescription
logo
SICK AG
CDM490-0101 SICK-CDM490-0101 Datasheet
544Kb / 4P
   CONNECTIVITY
CDM420-0007 SICK-CDM420-0007 Datasheet
639Kb / 4P
   CONNECTIVITY
CDM420-0102 SICK-CDM420-0102 Datasheet
673Kb / 4P
   CONNECTIVITY
CDM420-0108 SICK-CDM420-0108 Datasheet
575Kb / 4P
   CONNECTIVITY
CDM410-0001 SICK-CDM410-0001 Datasheet
437Kb / 4P
   CONNECTIVITY
CDM420-0101 SICK-CDM420-0101 Datasheet
705Kb / 4P
   CONNECTIVITY
CDB620-201 SICK-CDB620-201 Datasheet
729Kb / 5P
   CONNECTIVITY
CDB650-204 SICK-CDB650-204 Datasheet
651Kb / 5P
   CONNECTIVITY
CDM425-10234094 SICK-CDM425-10234094 Datasheet
475Kb / 4P
   CONNECTIVITY
CDB620-101 SICK-CDB620-101 Datasheet
717Kb / 5P
   CONNECTIVITY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com