Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF6N80K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF6N80K5
Description  Ultra low gate charge
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF6N80K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STF6N80K5 Datasheet HTML 1Page - STMicroelectronics STF6N80K5 Datasheet HTML 2Page - STMicroelectronics STF6N80K5 Datasheet HTML 3Page - STMicroelectronics STF6N80K5 Datasheet HTML 4Page - STMicroelectronics STF6N80K5 Datasheet HTML 5Page - STMicroelectronics STF6N80K5 Datasheet HTML 6Page - STMicroelectronics STF6N80K5 Datasheet HTML 7Page - STMicroelectronics STF6N80K5 Datasheet HTML 8Page - STMicroelectronics STF6N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DocID024664 Rev 4
3/15
STF6N80K5, STFI6N80K5
Electrical ratings
15
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
30
V
ID
Drain current (continuous) at TC = 25 °C
4.5(1)
1.
Limited by maximum junction temperature
A
ID
Drain current (continuous) at TC = 100 °C
2.8
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
18
A
PTOT
Total dissipation at TC = 25 °C
25
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by Tjmax )
1.5
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAS, VDD = 50 V)
85
mJ
dv/dt (3)
3.
ISD ≤ 4.5 A, di/dt ≤ 100 A/µs, peak VDS ≤ V(BR)DSS
Peak diode recovery voltage slope
4.5
V/ns
dv/dt (4)
4.
VDS ≤ 640 V
MOSFET dv/dt ruggedness
50
V/ns
VISO
Insulation withstand voltage (RMS) from all three
leads to external heat sink (t = 1 s, TC = 25 °C)
2500
V
Tj
Operating junction temperature range
-55 to 150
°C
Tstg
Storage temperature range
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
5
°C/W
Rthj-amb
Thermal resistance junction-amb
62.5


Similar Part No. - STF6N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF6N52K3 STMICROELECTRONICS-STF6N52K3 Datasheet
249Kb / 12P
   N-channel 525 V, 1 廓, 5 A, DPAK, TO-220FP SuperMESH3??Power MOSFET
STF6N52K3 STMICROELECTRONICS-STF6N52K3 Datasheet
1Mb / 22P
   Extremely high dv/dt capability
March 2011 Rev 2
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
   N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
March 2020 Rev 3
STF6N60M2 STMICROELECTRONICS-STF6N60M2 Datasheet
1Mb / 18P
   Extremely low gate charge
October 2015 Rev 2
logo
VBsemi Electronics Co.,...
STF6N60M2 VBSEMI-STF6N60M2 Datasheet
1Mb / 11P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STF6N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF9N80K5 STMICROELECTRONICS-STF9N80K5 Datasheet
762Kb / 16P
   Ultra-low gate charge
November 2015 Rev 2
STD6N90K5 STMICROELECTRONICS-STD6N90K5 Datasheet
825Kb / 16P
   Ultra-low gate charge
November 2016 Rev 1
logo
Infineon Technologies A...
SPD06N60C3 INFINEON-SPD06N60C3_14 Datasheet
401Kb / 11P
   Ultra low gate charge
logo
STMicroelectronics
STF15N95K5 STMICROELECTRONICS-STF15N95K5 Datasheet
1Mb / 18P
   Ultra low gate charge
February 2014 Rev 2
STD5N95K5 STMICROELECTRONICS-STD5N95K5 Datasheet
1Mb / 26P
   Ultra-low gate charge
January 2017 Rev 4
STD7N90K5 STMICROELECTRONICS-STD7N90K5 Datasheet
817Kb / 16P
   Ultra-low gate charge
October 2016 Rev 1
STP7LN80K5 STMICROELECTRONICS-STP7LN80K5 Datasheet
719Kb / 13P
   Ultra-low gate charge
STL7N80K5 STMICROELECTRONICS-STL7N80K5 Datasheet
956Kb / 17P
   Ultra low gate charge
November 2013 Rev 1
STL2N80K5 STMICROELECTRONICS-STL2N80K5 Datasheet
1Mb / 17P
   Ultra low gate charge
July 2014 Rev 2
STF7N80K5 STMICROELECTRONICS-STF7N80K5 Datasheet
689Kb / 14P
   Ultra low gate charge
October 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com