Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF5N105K5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF5N105K5
Description  Switching applications
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N105K5 Datasheet(HTML) 3 Page - STMicroelectronics

  STF5N105K5 Datasheet HTML 1Page - STMicroelectronics STF5N105K5 Datasheet HTML 2Page - STMicroelectronics STF5N105K5 Datasheet HTML 3Page - STMicroelectronics STF5N105K5 Datasheet HTML 4Page - STMicroelectronics STF5N105K5 Datasheet HTML 5Page - STMicroelectronics STF5N105K5 Datasheet HTML 6Page - STMicroelectronics STF5N105K5 Datasheet HTML 7Page - STMicroelectronics STF5N105K5 Datasheet HTML 8Page - STMicroelectronics STF5N105K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
STF5N105K5
Electrical ratings
DocID026702 Rev 5
3/14
1
Electrical ratings
Table 2: Absolute maximum ratings
Symbol
Parameter
Value
Unit
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
3 (1)
A
ID
Drain current (continuous) at TC = 100 °C
2 (1)
A
IDM (2)
Drain current (pulsed)
12
A
PTOT
Total dissipation at TC = 25 °C
25
W
IAR
Max current during repetitive or single pulse avalanche
1
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID=IAS, VDD= 50 V)
85
mJ
VISO
Insulation withstand voltage (RMS) from all three leads to external heat
sink (t=1 s; TC=25 °C)
2500
V
dv/dt (3)
Peak diode recovery voltage slope
4.5
V/ns
dv/dt (4)
MOSFET dv/dt ruggedness
50
V/ns
Tj
Operating junction temperature
- 55 to
150
°C
Tstg
Storage temperature
Notes:
(1)Limited only by maximum junction temperature
(2)Pulse width limited by safe operating area.
(3)ISD ≤ 3 A, di/dt ≤ 100 A/µs, VDS(peak) ≤ V(BR)DSS
(4)VDS ≤ 840 V
Table 3: Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case max
5
°C/W
Rthj-amb
Thermal resistance junction-amb max
62.5
°C/W


Similar Part No. - STF5N105K5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STF5N52K3 ETC2-STF5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 廓, 4.4 A SuperMESH3??Power MOSFET D짼PAK, DPAK, TO-220FP, TO-220, IPAK
logo
STMicroelectronics
STF5N52K3 STMICROELECTRONICS-STF5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STF5N52K3 STMICROELECTRONICS-STF5N52K3 Datasheet
1Mb / 23P
   N-channel 525 V, 1.2 ohm, 4.4 A SuperMESH3 Power MOSFET
STF5N52U STMICROELECTRONICS-STF5N52U Datasheet
943Kb / 18P
   N-channel 525 V, 1.28 ohm, 4.4 A, DPAK, TO-220FP, I2PAK UltraFASTmesh Power MOSFET
STF5N52U STMICROELECTRONICS-STF5N52U Datasheet
548Kb / 13P
   N-channel 525 V, 1.25 Ω typ., 4.4 A, UltraFASTmesh™ Power MOSFET in a TO-220FP package
Rev 1 - March 2019
More results

Similar Description - STF5N105K5

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BC548B FAIRCHILD-BC548B Datasheet
50Kb / 4P
   Switching and Applications Switching and Applications
logo
Toshiba Semiconductor
TPC8012-H TOSHIBA-TPC8012-H_06 Datasheet
270Kb / 7P
   Switching Regulator Applications Switching Regulator Applications
logo
STMicroelectronics
STW6N90K5 STMICROELECTRONICS-STW6N90K5 Datasheet
729Kb / 12P
   Switching applications
November 2016 Rev 1
logo
Toshiba Semiconductor
2SD1223 TOSHIBA-2SD1223_10 Datasheet
163Kb / 5P
   Switching Applications
logo
Sanyo Semicon Device
2SC4363 SANYO-2SC4363 Datasheet
88Kb / 2P
   Switching Applications
logo
STMicroelectronics
STH6N95K5-2 STMICROELECTRONICS-STH6N95K5-2 Datasheet
711Kb / 17P
   Switching applications
logo
Sanyo Semicon Device
2SC3900 SANYO-2SC3900 Datasheet
327Kb / 5P
   Switching Applications
logo
Toshiba Semiconductor
2SD2092 TOSHIBA-2SD2092_06 Datasheet
173Kb / 5P
   Switching Applications
SSM4K27CT TOSHIBA-SSM4K27CT Datasheet
203Kb / 5P
   Switching Applications
logo
STMicroelectronics
STL7N6LF3 STMICROELECTRONICS-STL7N6LF3 Datasheet
969Kb / 15P
   Switching applications
February 2017 Rev 4
STB10N95K5 STMICROELECTRONICS-STB10N95K5 Datasheet
1Mb / 22P
   Switching applications
January 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com