Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF5N60M2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF5N60M2
Description  Extremely low gate charge
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N60M2 Datasheet(HTML) 1 Page - STMicroelectronics

  STF5N60M2 Datasheet HTML 1Page - STMicroelectronics STF5N60M2 Datasheet HTML 2Page - STMicroelectronics STF5N60M2 Datasheet HTML 3Page - STMicroelectronics STF5N60M2 Datasheet HTML 4Page - STMicroelectronics STF5N60M2 Datasheet HTML 5Page - STMicroelectronics STF5N60M2 Datasheet HTML 6Page - STMicroelectronics STF5N60M2 Datasheet HTML 7Page - STMicroelectronics STF5N60M2 Datasheet HTML 8Page - STMicroelectronics STF5N60M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2016
DocID025320 Rev 2
1/13
This is information on a product in full production.
www.st.com
STF5N60M2
N-
channel 600 V, 1.3 Ω typ., 3.5 A MDmesh™ M2
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS@ TJmax
RDS(on) max.
ID
STF5N60M2
650 V
1.4 Ω
3.5 A
Extremely low gate charge
Excellent output capacitance (COSS) profile
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using MDmesh™ M2 technology.
Thanks to its strip layout and an improved vertical
structure, the device exhibits low on-resistance
and optimized switching characteristics,
rendering it suitable for the most demanding high
efficiency converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STF5N60M2
5N60M2
TO-220FP
Tube
TO-220FP


Similar Part No. - STF5N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF5N62K3 STMICROELECTRONICS-STF5N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.28 ohm, 4.2 A SuperMESH3 Power MOSFET
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
   N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
May 2016
More results

Similar Description - STF5N60M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STD11N65M2 STMICROELECTRONICS-STD11N65M2 Datasheet
1Mb / 21P
   Extremely low gate charge
May 2014 Rev 1
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com