Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVC1206 Datasheet(PDF) 2 Page - Riedon Powertron

Part # HVC1206
Description  High Resistance, Thick Film Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HVC1206 Datasheet(HTML) 2 Page - Riedon Powertron

  HVC1206 Datasheet HTML 1Page - Riedon Powertron HVC1206 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
Page: 9
04/17
Specification
Value
Temperature Range
-55°C to +155°C (Standard)
-55°C to +300°C (High Temperature Version, TCR valid +25°C to +125°C )
Climatic Category
55 / 155 / 56
Solderability
250°C, 3s
Terminal Finish
Platinum / Silver (PtAg)
Max. Soldering Temperature
260°C, 10s
Long Term Stability
Max ∆R
<1 GΩ
1 GΩ - 10 GΩ
>10 GΩ
Storage 125°C, 1000h
<1%
<2%
<5%
Load Life 70°C, 1000h
<0.5%
<1%
<2%
Maximum Voltage, 1000h
<0.5%
<1%
<2%
HVC Series
High Resistance, Thick Film Chip Resistors
Type
Dimensions (mm)
L
B
D
C
HVC 0402 /
HVC 0402H
0.95 ±0.10 / -0.05
0.48 ±0.10 / -0.05
0.28 ±0.1 / -0.05
0.10 +0.1 / -0.05
HVC 0603 /
HVC 0603H
1.50 +0.15 / -0.05
0.80 +0.15 / -0.05
0.40 +0.15 / -0.05
0.20 +0.2 / -0.1
HVC 0805 /
HVC 0805H
2.00 +0.15 / -0.05
1.25 +0.15 / -0.05
0.40 +0.15 / -0.05
0.30 +0.2 / -0.1
HVC 1206 /
HVC 1206H
3.20 +0.15 / -0.05
1.50 +0.2 / -0.05
0.40 +0.15 / -0.05
0.30 +0.2 / -0.1
HVC 1210 /
HVC 1210H
3.20 +0.15 / -0.05
2.50 +0.2 / -0.05
0.50 +0.15 / -0.05
0.80 ±0.2
HVC 2512 /
HVC 2512H
6.30 +0.15 / -0.05
3.50 +0.2 / -0.05
0.60 +0.15 / -0.05
0.90 ±0.2
HVC 4020 /
HVC 4020H
10.2 +0.15 / -0.05
5.10 +0.2 / -0.05
0.60 +0.15 / -0.05
0.90±0.2
Packaging:
Bulk or Blistertape to IEC 60286-3
Tape width 8mm / Reel Diameter 180 or 330mm
Minimum quantity Bulk / 100 pieces per value
(30pcs per value for sizes 2512 & 4020)
Minimum quantity Tape & Reel / 500 pieces per value
(Note: Except size 0402 / 1000 pieces per value)
Ordering Information
Standard Part Description: Part Type - Resistance - Tolerance - TCR
Example: HVC 0603 100M Ohms 5% 50ppm
( Note: if no TCR is specified, the highest value will be supplied)
High Temperature Part Description (H): Part Type H - Resistance - Tolerance - TCR
Example: HVC 0603H 100M Ohms 5% 50ppm
( Note: if no TCR is specified, the highest value will be supplied )
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve


Similar Part No. - HVC1206

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC1206 RIEDON-HVC1206 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
logo
List of Unclassifed Man...
HVC1206 ETC2-HVC1206 Datasheet
114Kb / 3P
   High Voltage Thick Film Chip Resistor
logo
Ohmite Mfg. Co.
HVC1206 OHMITE-HVC1206 Datasheet
329Kb / 2P
   Low temperature and voltage dependency
logo
Riedon Powertron
HVC1206 RIEDON-HVC1206 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206 RIEDON-HVC1206 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results

Similar Description - HVC1206

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
HVC0805H-330MK8 RIEDON-HVC0805H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-33MJ8 RIEDON-HVC1206H-33MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-330MK8 RIEDON-HVC1206H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC2512H-330MK8 RIEDON-HVC2512H-330MK8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-10MJ8 RIEDON-HVC1206H-10MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC0402 RIEDON-HVC0402 Datasheet
176Kb / 2P
   High Resistance, Thick Film Chip Resistors
CHM0402 RIEDON-CHM0402 Datasheet
291Kb / 2P
   High Resistance / Thick Film Chip Resistors
CHS0402 RIEDON-CHS0402 Datasheet
44Kb / 2P
   High Resistance Thick Film chip Resistors
HVC0805H-100MJ8 RIEDON-HVC0805H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
HVC1206H-100MJ8 RIEDON-HVC1206H-100MJ8 Datasheet
117Kb / 2P
   High Resistance, Thick Film Chip Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com