Electronic Components Datasheet Search |
|
RC2010DR-139K76L Datasheet(PDF) 7 Page - YAGEO Corporation |
|
RC2010DR-139K76L Datasheet(HTML) 7 Page - YAGEO Corporation |
7 / 10 page Chip Resistor Surface Mount www.yageo.com Feb. 17, 2017 V.5 Product specification 7 10 SERIES RC_L 0075 to 2512 FUNCTIONAL DESCRIPTION O OP PE ER RA AT TIIN NG G T TE EM MP PE ER RA AT TU UR RE E R RA AN NG GE E RC0402 to RC2512 Range: -55℃ to +155℃ (Fig. 7-1) RC0075 to RC0201 Range: -55℃ to +125℃ (Fig. 7-2) P PO OW WE ER R R RA AT TIIN NG G Each type rated power at 70 °C: RC0075=1/50W RC0100=1/32W RC0201=1/20W RC0402=1/16W, 1/8W RC0603=1/10W, 1/5W RC0805=1/8W, 1/4W RC1206=1/4W, 1/2W RC1210=1/2W RC1218=1W RC2010=3/4W RC2512=1W, 2W RATED VOLTAGE The DC or AC (rms) continuous working voltage corresponding to the rated power is determined by the following formula: V = ) ( PxR or max. working voltage whichever is less Where V = Continuous rated DC or AC (rms) working voltage (V) P = Rated power (W) R = Resistance value (Ω) PACKING STYLE AND PACKAGING QUANTITY Table 3 Packing style and packaging quantity PACKING STYLE PAPER TAPING REEL (R) ESD SAFE REEL (S) (4MM WIDTH, 1MM PITCH PLASTIC EMBOSSED) EMBOSSED TAPING REEL REEL DIMENSION 7" (178 mm) 13" (330 mm) 7" (178 mm) 7" (178 mm) RC0075 --- --- 20,000 --- RC0100 20,000 80,000 40,000 --- RC0201 10,000 50000 --- --- RC0402 10,000 50000 --- --- RC0603 5,000 20000 --- --- RC0805 5,000 20000 --- --- RC1206 5,000 20000 --- --- RC1210 5,000 20000 --- --- RC1218 --- --- --- 4,000 RC2010 --- --- --- 4,000 RC2512 --- --- --- 4,000 NOTE For tape and reel specification/dimensions, please refer to data sheet “Chip resistors packing”. Fig. 7-2 Maximum dissipation (P) in percentage of rated poweras a function of the operating ambient temperature (Tamb) Fig. 7-1 Maximum dissipation (P) in percentage of rated poweras a function of the operating ambient temperature (Tamb) |
Similar Part No. - RC2010DR-139K76L |
|
Similar Description - RC2010DR-139K76L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |