Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD37P3H6AG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STD37P3H6AG
Description  Automotive-grade P-channel -30 V, 11 m廓 typ., -49 A STripFET??H6 Power MOSFET in a DPAK package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD37P3H6AG Datasheet(HTML) 5 Page - STMicroelectronics

  STD37P3H6AG Datasheet HTML 1Page - STMicroelectronics STD37P3H6AG Datasheet HTML 2Page - STMicroelectronics STD37P3H6AG Datasheet HTML 3Page - STMicroelectronics STD37P3H6AG Datasheet HTML 4Page - STMicroelectronics STD37P3H6AG Datasheet HTML 5Page - STMicroelectronics STD37P3H6AG Datasheet HTML 6Page - STMicroelectronics STD37P3H6AG Datasheet HTML 7Page - STMicroelectronics STD37P3H6AG Datasheet HTML 8Page - STMicroelectronics STD37P3H6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
STD37P3H6AG
Electrical characteristics
DocID027952 Rev 1
5/16
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
-49
A
ISDM
(1)
Source-drain current
(pulsed)
-
-196
A
VSD
(2)
Forward on voltage
VGS = 0 V, ISD = -40 A
-
-1.3
V
trr
Reverse recovery time
ISD = -40 A, di/dt = 100 A/µs,
VDD = -24 V (see Figure 15:
"Test circuit for inductive load
switching and diode recovery
times")
-
25.3
ns
Qrr
Reverse recovery charge
-
19.2
nC
IRRM
Reverse recovery current
-
-1.5
A
Notes:
(1)
Pulse width is limited by safe operating area.
(2)
Pulse test: pulse duration = 300 µs, duty cycle 1.5%.


Similar Part No. - STD37P3H6AG

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD370BLK VCC-STD370BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD37N05TZ STMICROELECTRONICS-STD37N05TZ Datasheet
150Kb / 8P
   NPN power TRILINTON?
STD37N05TZT4 STMICROELECTRONICS-STD37N05TZT4 Datasheet
150Kb / 8P
   NPN power TRILINTON?
More results

Similar Description - STD37P3H6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD40P3LLH6 STMICROELECTRONICS-STD40P3LLH6 Datasheet
734Kb / 16P
   P-channel -30 V, 12 m廓 typ., -40 A STripFET??H6 Power MOSFET in a DPAK package
March 2016 Rev 4
STD52P3LLH6 STMICROELECTRONICS-STD52P3LLH6 Datasheet
778Kb / 16P
   P-channel 30 V, 0.01 廓 typ., 52 A, STripFET??H6 Power MOSFET in a DPAK package
September 2014 Rev 2
STL45P3LLH6 STMICROELECTRONICS-STL45P3LLH6 Datasheet
841Kb / 15P
   P-channel -30 V, 11 m廓 typ., -45 A STripFET??H6 Power MOSFET in a PowerFLAT??5x6 package
April 2016 Rev 1
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
   Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
July 2016
STL62P3LLH6 STMICROELECTRONICS-STL62P3LLH6 Datasheet
1Mb / 16P
   P-channel -30 V, 9 m廓 typ., -62 A STripFET??H6 Power MOSFET in a PowerFLAT 5x6 package
October 2016 Rev 6
STL9P3LLH6 STMICROELECTRONICS-STL9P3LLH6 Datasheet
628Kb / 14P
   P-channel -30 V, 12 m廓 typ., -9 A STripFET??H6 Power MOSFET in a PowerFLAT??3.3x3.3 package
March 2016 Rev 2
STD45P4LLFAG STMICROELECTRONICS-STD45P4LLFAG Datasheet
603Kb / 16P
   Automotive-grade P-channel -40 V, 12 m廓 typ., -50 A STripFET??F6 Power MOSFET in a DPAK package
July 2015 Rev 2
STD30N6LF6AG STMICROELECTRONICS-STD30N6LF6AG Datasheet
447Kb / 15P
   Automotive-grade N-channel 60 V, 19 m廓 typ., 24 A STripFET??F6 Power MOSFET in a DPAK package
June 2015 Rev 1
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
   Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
February 2017 Rev 3
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com