Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP11N65M2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP11N65M2
Description  Extremely low gate charge
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP11N65M2 Datasheet(HTML) 3 Page - STMicroelectronics

  STP11N65M2 Datasheet HTML 1Page - STMicroelectronics STP11N65M2 Datasheet HTML 2Page - STMicroelectronics STP11N65M2 Datasheet HTML 3Page - STMicroelectronics STP11N65M2 Datasheet HTML 4Page - STMicroelectronics STP11N65M2 Datasheet HTML 5Page - STMicroelectronics STP11N65M2 Datasheet HTML 6Page - STMicroelectronics STP11N65M2 Datasheet HTML 7Page - STMicroelectronics STP11N65M2 Datasheet HTML 8Page - STMicroelectronics STP11N65M2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DocID026376 Rev 1
3/21
STD11N65M2, STP11N65M2, STU11N65M2
Electrical ratings
21
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
GS
Gate-source voltage
± 25
V
I
D
(1)
1.
The value is rated according to R
thj-case
and limited by package.
Drain current (continuous) at T
c
= 25 °C
7
A
I
D
(1)
Drain current (continuous) at T
c
= 100 °C
4.4
A
I
DM
(2)
2.
Pulse width limited by T
jmax
Drain current (pulsed)
28
A
P
TOT
(1)
Total dissipation at T
C
= 25 °C
85
W
dv/dt
(3)
3.
I
SD
≤ 7 A, di/dt ≤ 400 A/μs; V
DS peak
< V
(BR)DSS
, V
DD
=80% V
(BR)DSS
.
Peak diode recovery voltage slope
(starting T
j
= 25 °C, I
D
= I
AS
, V
DD
= 50 V)
15
V/ns
dv/dt
(4)
4.
V
DS
≤ 520 V
MOSFET dv/dt ruggedness
50
V/ns
V
ISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
T
stg
Storage temperature
- 55 to 150
°C
T
j
Max. operating junction temperature
150
Table 3. Thermal data
Symbol
Parameter
Value
Unit
DPAK
TO-220
IPAK
R
thj-case
Thermal resistance junction-case max
1.47
°C/W
R
thj-amb
Thermal resistance junction-amb max
62.5
100
°C/W
R
thj-pcb
(1)
1.
When mounted on 1 inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb max
50
°C/W
Table 4. Avalanche characteristics
Symbol
Parameter
Value
Unit
I
AR
Avalanche current, repetitive or not
repetitive (pulse width limited by T
jmax
)
1.5
A
E
AS
Single pulse avalanche energy (starting
T
j
=25°C, I
D
= I
AR
; V
DD
=50)
110
mJ


Similar Part No. - STP11N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP11N65M5 STMICROELECTRONICS-STP11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
logo
Inchange Semiconductor ...
STP11N65M5 ISC-STP11N65M5 Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP11N65M5 STMICROELECTRONICS-STP11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
More results

Similar Description - STP11N65M2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWA48N60M2 STMICROELECTRONICS-STWA48N60M2 Datasheet
776Kb / 12P
   Extremely low gate charge
December 2015 Rev 1
STL7N60M2 STMICROELECTRONICS-STL7N60M2 Datasheet
310Kb / 13P
   Extremely low gate charge
January 2015 Rev 1
STD7N60M2 STMICROELECTRONICS-STD7N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
June 2013 Rev 1
STB28N60M2 STMICROELECTRONICS-STB28N60M2 Datasheet
1Mb / 21P
   Extremely low gate charge
STF5N60M2 STMICROELECTRONICS-STF5N60M2 Datasheet
743Kb / 13P
   Extremely low gate charge
June 2016 Rev 2
STF7N65M2 STMICROELECTRONICS-STF7N65M2 Datasheet
904Kb / 13P
   Extremely low gate charge
August 2014 Rev 2
STL13N65M2 STMICROELECTRONICS-STL13N65M2 Datasheet
642Kb / 16P
   Extremely low gate charge
December 2014 Rev 1
STL19N60M2 STMICROELECTRONICS-STL19N60M2 Datasheet
770Kb / 15P
   Extremely low gate charge
January 2016 Rev 1
STW56N65M2 STMICROELECTRONICS-STW56N65M2 Datasheet
730Kb / 12P
   Extremely low gate charge
December 2014 Rev 1
STB24N65M2 STMICROELECTRONICS-STB24N65M2 Datasheet
1Mb / 20P
   Extremely low gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com