Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STU4N80K5 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STU4N80K5
Description  N-channel 800 V, 2.1 ??typ., 3 A MDmesh??K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU4N80K5 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STU4N80K5 Datasheet HTML 4Page - STMicroelectronics STU4N80K5 Datasheet HTML 5Page - STMicroelectronics STU4N80K5 Datasheet HTML 6Page - STMicroelectronics STU4N80K5 Datasheet HTML 7Page - STMicroelectronics STU4N80K5 Datasheet HTML 8Page - STMicroelectronics STU4N80K5 Datasheet HTML 9Page - STMicroelectronics STU4N80K5 Datasheet HTML 10Page - STMicroelectronics STU4N80K5 Datasheet HTML 11Page - STMicroelectronics STU4N80K5 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical characteristics
STD4N80K5, STF4N80K5, STP4N80K5, STU4N80K5
8/23
DocID025105 Rev 3
Figure 14. Normalized on-resistance vs
temperature
Figure 15. Source-drain diode forward
characteristics
Figure 16. Normalized VDS vs temperature
Figure 17. Maximum avalanche energy vs.
starting TJ
RDS(on)
2
1.2
0.4
-50
0
TJ(°C)
(norm)
50
100
0.8
1.6
VGS=10V
ID=1.5 A
2.4
AM15640v1
VSD
0.5
1.5
ISD(A)
(V)
1
2
2.5
0.6
0.7
0.8
0.9
TJ=-50°C
TJ=150°C
TJ=25°C
1
0.5
AM15994v1
VDS
-50
0
TJ(°C)
(norm)
50
100
0.9
0.94
0.98
1.02
1.06
1.1
ID = 1mA
AM15642v1
EAS
0
40
TJ(°C)
(mJ)
80
0
20
40
120
60
AM15995v1


Similar Part No. - STU4N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU4N52K3 STMICROELECTRONICS-STU4N52K3 Datasheet
1Mb / 2P
   N-channel 525 V, 2.5 A, 2.1typ., SuperMESH3 Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
February 2013 Rev 2
logo
VBsemi Electronics Co.,...
STU4N52K3 VBSEMI-STU4N52K3 Datasheet
977Kb / 9P
   N-Channel 650V (D-S) Power MOSFET
logo
STMicroelectronics
STU4N62K3 STMICROELECTRONICS-STU4N62K3 Datasheet
1Mb / 19P
   N-channel 620 V, 1.7 廓 typ., 3.8 A SuperMESH3 Power MOSFET
logo
VBsemi Electronics Co.,...
STU4N62K3 VBSEMI-STU4N62K3 Datasheet
977Kb / 9P
   N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STU4N80K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2N105K5 STMICROELECTRONICS-STD2N105K5 Datasheet
1Mb / 21P
   N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
November 2014 Rev 3
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
   N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
Rev 7 April 2017
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
   N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
June 2016
STD11N65M5 STMICROELECTRONICS-STD11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 typ., 9 A MDmesh V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STD4N52K3 STMICROELECTRONICS-STD4N52K3 Datasheet
1Mb / 21P
   N-channel 525 V, 2.5 A, 2.1 廓 typ., SuperMESH3??Power MOSFET in DPAK, TO-220FP, TO-220 and IPAK packages
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
   N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
May 2016
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
   N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
July 2016
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STF14N80K5 STMICROELECTRONICS-STF14N80K5 Datasheet
766Kb / 16P
   N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in TO-220FP and I²PAKFP packages
December 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com