Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD2N105K5 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD2N105K5
Description  N-channel 1050 V, 6 廓 typ., 1.5 A MDmesh??K5 Power MOSFETs in DPAK, TO-220 and IPAK packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2N105K5 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD2N105K5 Datasheet HTML 7Page - STMicroelectronics STD2N105K5 Datasheet HTML 8Page - STMicroelectronics STD2N105K5 Datasheet HTML 9Page - STMicroelectronics STD2N105K5 Datasheet HTML 10Page - STMicroelectronics STD2N105K5 Datasheet HTML 11Page - STMicroelectronics STD2N105K5 Datasheet HTML 12Page - STMicroelectronics STD2N105K5 Datasheet HTML 13Page - STMicroelectronics STD2N105K5 Datasheet HTML 14Page - STMicroelectronics STD2N105K5 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
DocID026321 Rev 3
11/21
STD2N105K5, STP2N105K5, STU2N105K5
Package mechanical data
21
4.1
DPAK, STD2N105K5
Figure 23. DPAK (TO-252) type A drawing


Similar Part No. - STD2N105K5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STD2N105K5 ISC-STD2N105K5 Datasheet
354Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STD2N105K5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP7N105K5 STMICROELECTRONICS-STP7N105K5 Datasheet
989Kb / 18P
   N-channel 1050 V, 1.4 廓 typ., 4 A MDmesh??K5 Power MOSFETs in TO-220, IPAK and TO-247 packages
October 2016 Rev 2
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
   N-channel 800 V, 2.1 ??typ., 3 A MDmesh??K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
February 2015 Rev 3
STP7N65M2 STMICROELECTRONICS-STP7N65M2 Datasheet
881Kb / 18P
   N-channel 650 V, 0.98 廓 typ., 5 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
May 2015 Rev 3
STD8NM50N STMICROELECTRONICS-STD8NM50N Datasheet
1Mb / 19P
   N-channel 500 V, 0.73 廓 typ., 5 A MDmesh?줚I Power MOSFET in DPAK, TO-220 and IPAK packages
STP5N105K5 STMICROELECTRONICS-STP5N105K5 Datasheet
639Kb / 14P
   N-channel 1050 V, 2.9 廓 typ., 3 A MDmesh??K5 Power MOSFET in a TO-220 package
October 2014 Rev 3
STF11N65M5 STMICROELECTRONICS-STF11N65M5 Datasheet
1Mb / 25P
   N-channel 650 V, 0.43 廓 typ., 9 A MDmesh??V Power MOSFET in D2PAK, DPAK, TO-220FP, TO-220 and IPAK packages
December 2012 Rev 2
STP13N65M2 STMICROELECTRONICS-STP13N65M2 Datasheet
551Kb / 16P
   N-channel 650 V, 0.37 ??typ.,10 A MDmesh??M2 Power MOSFETs in TO-220 and IPAK packages
December 2014 Rev 1
STP16N65M2 STMICROELECTRONICS-STP16N65M2 Datasheet
824Kb / 16P
   N-channel 650 V, 0.32 ??typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
   N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
June 2016
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com