Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STB26NM60ND Datasheet(PDF) 6 Page - STMicroelectronics

Part # STB26NM60ND
Description  Low input capacitance and gate charge
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB26NM60ND Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STB26NM60ND Datasheet HTML 2Page - STMicroelectronics STB26NM60ND Datasheet HTML 3Page - STMicroelectronics STB26NM60ND Datasheet HTML 4Page - STMicroelectronics STB26NM60ND Datasheet HTML 5Page - STMicroelectronics STB26NM60ND Datasheet HTML 6Page - STMicroelectronics STB26NM60ND Datasheet HTML 7Page - STMicroelectronics STB26NM60ND Datasheet HTML 8Page - STMicroelectronics STB26NM60ND Datasheet HTML 9Page - STMicroelectronics STB26NM60ND Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical characteristics
STB26NM60ND, STF26NM60ND, STP26NM60ND, STW26NM60ND
6/23
DocID025283 Rev 1
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
21
A
ISDM
(1)
1.
Pulse width limited by safe operating area
Source-drain current (pulsed)
-
84
A
VSD
(2)
2.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5%.
Forward on voltage
ISD = 21 A, VGS = 0
-
1.6
V
trr
Reverse recovery time
ISD = 21 A, VDD = 60 V
di/dt=100 A/µs
(see Figure 20)
-
170
ns
Qrr
Reverse recovery charge
-
1.39
µC
IRRM
Reverse recovery current
-
14
A
trr
Reverse recovery time
ISD = 21 A,VDD = 60 V
di/dt=100 A/µs,
TJ = 150 °C
(see Figure 20)
-
230
ns
Qrr
Reverse recovery charge
-
2.24
µC
IRRM
Reverse recovery current
-
18
A


Similar Part No. - STB26NM60ND

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB26NM60ND ISC-STB26NM60ND Datasheet
314Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB26NM60ND

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB27NM60ND STMICROELECTRONICS-STB27NM60ND Datasheet
940Kb / 19P
   Low input capacitance and gate charge
STY100NM60N STMICROELECTRONICS-STY100NM60N Datasheet
815Kb / 13P
   Low input capacitance and gate charge
November 2012 Rev 2
F21NM60ND STMICROELECTRONICS-F21NM60ND Datasheet
559Kb / 18P
   Low input capacitance and gate charge
STB43N65M5 STMICROELECTRONICS-STB43N65M5 Datasheet
561Kb / 16P
   Low gate charge and input capacitance
STL15N65M5 STMICROELECTRONICS-STL15N65M5 Datasheet
1Mb / 16P
   Low gate charge and input capacitance
December 2016 Rev 2
STL38N65M5 STMICROELECTRONICS-STL38N65M5 Datasheet
1Mb / 17P
   Low input capacitance and gate charge
STE145N65M5 STMICROELECTRONICS-STE145N65M5 Datasheet
820Kb / 13P
   Low gate charge and input capacitance
November 2015 Rev 2
STL3NM60N STMICROELECTRONICS-STL3NM60N Datasheet
865Kb / 13P
   Low input capacitance and gate charge
November 2014 Rev 2
STB7ANM60N STMICROELECTRONICS-STB7ANM60N Datasheet
1Mb / 20P
   Low input capacitance and gate charge
STFI24NM60N STMICROELECTRONICS-STFI24NM60N Datasheet
804Kb / 12P
   Low input capacitance and gate charge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com