Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM-42TX Datasheet(PDF) 4 Page - Copal Electronics

Part # SM-42TX
Description  SURFACE MOUNT CERMET TRIMMERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COPAL [Copal Electronics]
Direct Link  http://www.nidec-copal-electronics.com/e
Logo COPAL - Copal Electronics

SM-42TX Datasheet(HTML) 4 Page - Copal Electronics

  SM-42TX Datasheet HTML 1Page - Copal Electronics SM-42TX Datasheet HTML 2Page - Copal Electronics SM-42TX Datasheet HTML 3Page - Copal Electronics SM-42TX Datasheet HTML 4Page - Copal Electronics SM-42TX Datasheet HTML 5Page - Copal Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
3
2
2.6
3.5
3.9
Resistance code & Production date code
3 – 1
5.1
5.3
0.56W
× 0.5D
φ 1.5, Slot
1
3
2
3.5
5.7
3 – 1
5.1
5.3
0.56W
× 0.5D
Resistance code & Production date code
φ 1.5, Slot
2.6
3.7
Resistan ce code & Produ ction d ate code
4.6
5
3 – 0.8
0.56W
×0.5D
φ 1.5, Slot
1
3
2
2.8
3.9
Resistance code & Production date code
4.6
6
0.56W
× 0.5D
φ 1.5, Slot
SM-42/43
SURFACE MOUNT TRIMMERS
SM-42/43W
SM-42/43X
SM-42/43A
SM-42/43B
CW rotation
1
2
3
Note the terminal position.
OUTLINE DIMENSIONS
Unless otherwise specified, tolerance :
± 0.3 (Unit : mm)


Similar Part No. - SM-42TX

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
SM-42TX COPAL-SM-42TX Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX COPAL-SM-42TX Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX COPAL-SM-42TX Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results

Similar Description - SM-42TX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM-31TW501 ETC2-SM-31TW501 Datasheet
351Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3TW103 COPAL-SM-3TW103 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA103 COPAL-SM-42TA103 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42 ETC2-SM-42 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TX102 ETC2-SM-42TX102 Datasheet
1Mb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-3 COPAL-SM-3 Datasheet
127Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42TA503 COPAL-SM-42TA503 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
List of Unclassifed Man...
SM-42TW100 ETC2-SM-42TW100 Datasheet
141Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
logo
Copal Electronics
SM-42TA104 COPAL-SM-42TA104 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
SM-42 COPAL-SM-42 Datasheet
123Kb / 5P
   SURFACE MOUNT CERMET TRIMMERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com