Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW3043 Datasheet(PDF) 1 Page - Total Power International

Part # MKW3043
Description  Wide 2:1 Input Range
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW3043 Datasheet(HTML) 1 Page - Total Power International

  MKW3043 Datasheet HTML 1Page - Total Power International MKW3043 Datasheet HTML 2Page - Total Power International MKW3043 Datasheet HTML 3Page - Total Power International MKW3043 Datasheet HTML 4Page - Total Power International MKW3043 Datasheet HTML 5Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
2”x 1”x 0.4” Metal Package
Wide 2:1 Input Range
Very high Efficiency up to 89%
Operating Temp. Range –40°C to +80°C
Short Circuit Protection
I/O-isolation 1500VDC
Input Filter meets EN 55022,class A and FCC, level A
Remote On/Off (Option)
3 Years Product Warranty
PRODUCT OVERVIEW
The MKW30 series is a range of isolated 20W DC/DC converter modules featuring fully regulated output voltages and wide 2:1 input voltage
ranges. The product comes in a 2”x 1”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature range
of –40°C to +80°C. They feature an input filter to meet EN 55022,class A and optional remote On/Off input.
Typical applications for these converters are battery operated equipment and instrumentation, distributed power systems, data communication and general
industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
µF
%
MKW3021
3.3
4000
240
1358
81
MKW3022
5
4000
240
1984
6800
84
MKW3023
12
1670
100
1898
88
MKW3024
15
1340
80
1903
680
88
MKW3026
±12
±835
±50
1898
88
MKW3027
12
(9 ~ 18)
±15
±670
±40
1903
30
50
270#
88
MKW3031
3.3
4000
240
671
82
MKW3032
5
4000
240
980
6800
85
MKW3033
12
1670
100
938
89
MKW3034
15
1340
80
941
680
89
MKW3036
±12
±835
±50
938
89
MKW3037
24
(18 ~ 36)
±15
±670
±40
941
17
30
270#
89
MKW3041
3.3
4000
240
335
82
MKW3042
5
4000
240
490
6800
85
MKW3043
12
1670
100
469
89
MKW3044
15
1340
80
471
680
89
MKW3046
±12
±835
±50
469
89
MKW3047
48
(36 ~ 75)
±15
±670
±40
471
10
20
270#
89
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW3043

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW3043 TOTAL-POWER-MKW3043 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MKW3043 MINMAX-MKW3043 Datasheet
230Kb / 8P
   20W, Wide Input Range, Single & Dual Output DC/DC Converters
MKW3043 MINMAX-MKW3043 Datasheet
938Kb / 5P
   DC/DC CONVERTER 20W 2?쓝 1?쓝 0.4??Metal Package Wide 2:1 Input Range
More results

Similar Description - MKW3043

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW1000 TOTAL-POWER-MKW1000_17 Datasheet
483Kb / 4P
   Wide 2:1 Input Range
MKW2500 TOTAL-POWER-MKW2500_17 Datasheet
439Kb / 5P
   Wide 2:1 Input Range
logo
Recom International Pow...
RSE RECOM-RSE Datasheet
371Kb / 5P
   2:1 Wide Input Range
RSOE RECOM-RSOE Datasheet
380Kb / 5P
   2:1 Wide Input Range
logo
Total Power Internation...
MKW5000 TOTAL-POWER-MKW5000_17 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
logo
Wall Industries,Inc.
RGW3 WALL-RGW3 Datasheet
376Kb / 6P
   2:1 Wide Input Voltage Range
logo
Recom International Pow...
RW2 RECOM-RW2 Datasheet
102Kb / 2P
   2:1 Wide Range Voltage Input
RTC2 RECOM-RTC2 Datasheet
814Kb / 7P
   2:1 Wide Input Range Regulated Converter
logo
Power Mate Technology C...
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDS02 P-DUKE-PDS02_15 Datasheet
537Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2Watts
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com