Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW2636 Datasheet(PDF) 1 Page - Total Power International

Part # MKW2636
Description  Ultra-wide 4:1 Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MKW2636 Datasheet(HTML) 1 Page - Total Power International

  MKW2636 Datasheet HTML 1Page - Total Power International MKW2636 Datasheet HTML 2Page - Total Power International MKW2636 Datasheet HTML 3Page - Total Power International MKW2636 Datasheet HTML 4Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
2”x 1”x 0.4” Metal Package
Ultra-wide 4:1 Input Range
High Efficiency up to 86%
Operating Temp. Range –40°C to +80°C
Short Circuit Protection
I/O-isolation 1500VDC
Input Filter meets EN 55022,class A and FCC, level A (Option)
Remote On/Off (Option)
3 Years Product Warranty
PRODUCT OVERVIEW
The MKW2600 series is a range of isolated 15W DC/DC converter modules featuring fully regulated output voltages and ultra-wide 4:1 input voltage
ranges. The product comes in a 2”x 1”x 0.4” metal package with industry standard pinout. An excellent efficiency allows an operating temperature range of
–40°C to +80°C.They feature as option input filter to meet EN 55022,class A and remote On/Off .
Typical applications for these converters are battery operated equipment and instrumentation, distributed power systems, data communication and general
industrial electronics.
Model Selection Guide
Output
Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Reflected
Ripple
Current
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA(typ.)
µF
%
MKW2621
3.3
3000
300
528
78
MKW2622
5
3000
300
762
82
MKW2629
5.1
3000
300
787
81
MKW2623
12
1250
125
726
85
MKW2624
15
1000
100
726
470
86
MKW2625
±5
±1500
±150
771
81
MKW2626
±12
±625
±62.5
726
85
MKW2627
24
(9 ~ 36)
±15
±500
±50
726
25
40
220#
86
MKW2631
3.3
3000
300
264
78
MKW2632
5
3000
300
381
82
MKW2639
5.1
3000
300
393
81
MKW2633
12
1250
125
363
85
MKW2634
15
1000
100
363
470
86
MKW2635
±5
±1500
±150
386
81
MKW2636
±12
±625
±62.5
363
85
MKW2637
48
(18 ~ 75)
±15
±500
±50
363
15
30
220#
86
# For each output
Input Specifications
Parameter
Model
Min.
Typ.
Max.
Unit
24V Input Models
-0.7
---
50
Input Surge Voltage (1 sec. max.)
48V Input Models
-0.7
---
100
24V Input Models
8
8.5
9
Start-Up Threshold Voltage
48V Input Models
15
17
18
24V Input Models
7
8
8.5
Under Voltage Shutdown
48V Input Models
13
15
17
VDC
Reverse Polarity Input Current
---
---
1
A
Short Circuit Input Power
---
---
3500
mW
Internal Power Dissipation
---
---
5000
mW
Conducted EMI (with suffix A only)
All Models
Compliance to EN 55022,class A and FCC part 15,class A
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MKW2636

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW2636 TOTAL-POWER-MKW2636 Datasheet
182Kb / 8P
   15 Watts 4:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW2636 MINMAX-MKW2636 Datasheet
240Kb / 8P
   15W, Ultra-Wide Input Range, Single & Dual Output DC/DC Converters
MKW2636 MINMAX-MKW2636 Datasheet
3Mb / 4P
   DC/DC CONVERTER 15W 2?쓝 1?쓝 0.4??Metal Package Ultra-wide 4:1 Input Range
More results

Similar Description - MKW2636

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PDL06W RSG-PDL06W Datasheet
270Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE
logo
Wall Industries,Inc.
RGUW3 WALL-RGUW3 Datasheet
362Kb / 6P
   4:1 Ultra Wide Input Voltage Range
RBA30 WALL-RBA30 Datasheet
1Mb / 10P
   Ultra Wide 4:1 Input Voltage Range
logo
Recom International Pow...
RP180H-RW RECOM-RP180H-RW Datasheet
1Mb / 15P
   4:1 Wide Input Range
RP120Q-RW RECOM-RP120Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP75H-RW RECOM-RP75H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP90Q-RW RECOM-RP90Q-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP100H-RW RECOM-RP100H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
RP240H-RW RECOM-RP240H-RW Datasheet
2Mb / 15P
   4:1 Wide Input Range
logo
Power Mate Technology C...
SDH01W P-DUKE-SDH01W_15 Datasheet
652Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 1.08WATTS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com